Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 68 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 68 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 72Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
62
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
The following figure shows
LGP=0 and HF=1. The IROUT waveform modulates the
Fcarrier waveform at low-time segments of the pulse. When IRE goes low from high,
the output waveform of IROUT will keep transmitting until high-time interrupt occurs.
HF
low time width
high time width
low time width
high time width
Fcarrier
IROUT
IRE
IR disable
Start
Always high-level
Fig. 6-13c LGP=0, HF=1, When IRE goes Low from High, IROUT Pin Outputs Waveform
The following figure shows
LGP=0 and HF=0. The IROUT waveform cannot modulate
the Fcarrier waveform at low-time segments of the pulse. So IROUT waveform is
determined by high time width and low time width. This mode can produce standard
PWM waveform when IRE goes low from high. The output waveform of IROUT will
keep on transmitting until high-time interrupt occurs.
low time width
high time width
low time width
high time width
Fcarrier
HF
IROUT
IRE
IR disable
Start
Always high-level
Fig. 6-13d LGP=0, HF=0, When IRE goes Low from High, Irout Pin Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com