Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 76 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 76 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 80Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
70
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
In most applications, Pin OSCI and Pin OSCO can be connected with a crystal or
ceramic resonator to generate oscillation. Fig. 6-18 below depicts such a circuit. The
same applies to the HXT1 mode, HTX2 mode, LXT1 mode and LXT2 mode.
OSCI
OSCO
Crystal
RS
C2
C1
Fig. 6-18 Crystal/Resonator Circuit
The following table provides the recommended values for C1 and C2. Since each
resonator has its own attribute, user should refer to the resonator specifications for the
appropriate values of C1 and C2. RS, a serial resistor, may be required for AT strip cut
crystal or low frequency mode.
Capacitor selection guide for crystal oscillator or ceramic resonators
:
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
455kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100kHz
25
25
LXT
200kHz
25
25
455kHz
20~40
20~150
1.0 MHz
15~30
15~30
2.0 MHz
15
15
Crystal Oscillator
HXT
4.0 MHz
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com