Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 73 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 73 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 77Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 67
(This specification is subject to change without further notice)
6.10.1 External Reference Signal
The analog signal that is presented at Cin – is compared to the signal at Cin+. The
digital output (CO) of the comparator is adjusted accordingly by taking into
consideration the following notes:
NOTE
■ The reference signal must be between Vss and Vdd.
■ The reference voltage can be applied to either pin of the comparator.
■ Threshold detector applications may be of the same reference.
■ The comparator can operate from the same or different reference sources.
6.10.2 Comparator Outputs
The compared result is stored in the CMPOUT of IOC80.
The comparator outputs are sent to CO (P64) by programming Bit 4 & Bit 3
<COS1, COS0> of the IOC80 register to <1,0>. See table under Section 6.2.4,
IOC80 (Comparator and TCCA Control Registers) for Comparator/OP select bits
function description.
The following figure shows the Comparator Output block diagram.
Q
Q
EN
EN
D
D
To C0
To CPIF
To CMPOUT
CMRD
CMRD
From other
comparator
RESET
From OP I/O
Fig. 6-16 Comparator Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com