Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 87 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 87 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 83Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 84Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 85Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 91Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 81
(This specification is subject to change without further notice)
6.15 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one
or more operands. Normally, all instructions are executed within one single instruction
cycle (one instruction consists of two oscillator periods), unless the program counter is
changed by instructions "MOV R2,A," "ADD R2,A," or by instructions of arithmetic or
logic operation on R2 (e.g., "SUB R2,A," "BS(C) R2,6," "CLR R2," etc.). In this case,
these instructions need one or two instruction cycles as determined by the Code Option
Register CYES bit.
In addition, the instruction set has the following features
:
1. Every bit of any register can be set, cleared, or tested directly.
2. The I/O registers can be regarded as general registers. That is, the same
instruction can operate on I/O registers.
The following symbols are used in the Instruction Set table
:
Convention:
R = Register designator that specifies which one of the registers (including operation and general purpose
registers) is to be utilized by the instruction.
Bits 6 and 7 in R4 determine the selected register bank.
b = Bit field designator that selects the value for the bit located in the register R and which affects the
operation.
k = 8 or 10-bit constant or literal value
Binary Instruction
Hex
Mnemonic
Operation
Status Affected
0 0000 0000 0000 0000
NOP
No Operation
None
0 0000 0000 0001 0001
DAA
Decimal Adjust A
C
0 0000 0000 0010 0002
CONTW
A
→ CONT
None
0 0000 0000 0011 0003
SLEP
0
→ WDT, Stop oscillator
T, P
0 0000 0000 0100 0004
WDTC
0
→ WDT
T, P
0 0000 0000 rrrr
000r
IOW R
A
→ IOCR
None
1
0 0000 0001 0000 0010
ENI
Enable Interrupt
None
0 0000 0001 0001 0011
DISI
Disable Interrupt
None
0 0000 0001 0010 0012
RET
[Top of Stack]
→ PC
None
0 0000 0001 0011 0013
RETI
[Top of Stack]
→ PC,
Enable Interrupt
None
0 0000 0001 0100 0014
CONTR
CONT
→ A
None
0 0000 0001 rrrr
001r
IOR R
IOCR
→ A
None
1
0 0000 01rr rrrr
00rr
MOV R,A
A
→ R
None
0 0000 1000 0000 0080
CLRA
0
→ A
Z
0 0000 11rr rrrr
00rr
CLR R
0
→ R
Z
0 0001 00rr rrrr
01rr
SUB A,R
R-A
→ A
Z, C, DC
0 0001 01rr rrrr
01rr
SUB R,A
R-A
→ R
Z, C, DC
0 0001 10rr rrrr
01rr
DECA R
R-1
→ A
Z
0 0001 11rr rrrr
01rr
DEC R
R-1
→ R
Z
0 0010 00rr rrrr
02rr
OR A,R
A
∨ VR → A
Z
0 0010 01rr rrrr
02rr
OR R,A
A
∨ VR → R
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com