Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 78 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 78 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 82Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
72
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
Based on the above reasons, it must be kept in mind that all supply voltage, the
operation temperature, the components of the RC oscillator, the package types, and
the PCB layout have certain effects on the system frequency.
The RC Oscillator frequencies
:
Cext
Rext
Average Fosc 5V, 25
°C
Average Fosc 3V, 25
°C
3.3k
3.5 MHz
3.2 MHz
5.1k
2.5 MHz
2.3 MHz
10k
1.30 MHz
1.25 MHz
20 pF
100k
140 KHz
140kHz
3.3k
1.27 MHz
1.21 MHz
5.1k
850kHz
820kHz
10k
450kHz
450kHz
100 pF
100k
48kHz
50kHz
3.3k
560kHz
540kHz
5.1k
370kHz
360kHz
10k
196kHz
192kHz
300 pF
100k
20kHz
20kHz
Note:
1: Measured based on DIP packages.
2: The values are for design reference only.
3: The frequency drift is ± 30%
6.11.4 Internal RC Oscillator Mode
The EM78P341N/342N/343N offers a versatile internal RC mode with default
frequency value of 4MHz. Internal RC oscillator mode has other frequencies (1MHz,
8MHz, and 455kHz) that can be set by Code Option (Word 1), RCM1, and RCM0. The
Table below describes the EM78P341N/342N/343N internal RC drift with voltage,
temperature, and process variations.
Internal RC Drift Rate (Ta=25°C, VDD=5V±5%, VSS=0V)
Drift Rate
Internal
RC Frequency
Temperature
(-40
°C ~+85°C)
Voltage
(2.3V~5.5V)
Process
Total
4MHz
±5%
±5%
±4%
±14%
16MHz
±5%
±5%
±4%
±14%
1MHz
±5%
±5%
±4%
±14%
455MHz
±5%
±5%
±4%
±14%
Theoretical values are for reference only. Actual values may vary depending on the actual
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com