Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 91 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 91 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 94Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 95Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 85
(This specification is subject to change without further notice)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
OE
Offset error
Vdd=VAREF=5.0V, VASS =0.0V
±0
±2
±4
LSB
ZAI
Recommended
impedance of analog
voltage source
–
0
8
10
KΩ
TAD
ADC clock period
Vdd=VAREF=5.0V, VASS =0.0V
4
–
–
us
TCN
AD conversion time
Vdd=VAREF=5.0V, VASS =0.0V
15
–
15
TAD
ADIV
ADC OP input voltage
range
Vdd=VAREF=5.0V, VASS =0.0V
0
–
VAREF
V
0
0.2
0.3
ADOV
ADC OP output voltage
swing
Vdd=VAREF=5.0V, VASS =0.0V,
RL=10KΩ
4.7
4.8
5
V
ADSR
ADC OP slew rate
Vdd=VAREF=5.0V, VASS =0.0V
0.1
0.3
–
V/us
PSR
Power Supply Rejection
Vdd=5.0V±0.5V
±0
–
±2
LSB
Note: 1. These parameters are hypothetical (not tested) and are provided for design reference use only.
2. There is no current consumption when ADC is off other than minor leakage current.
3. AD conversion result will not decrease when an increase of input voltage and no missing code will result.
4. These parameters are subject to change without further notice.
8.2 Comparator (OP) Characteristics
Vdd = 5.0V, Vss=0V, Ta=25°
C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SR
Slew rate
0.1
0.2
V/us
IVR
Input voltage range
Vdd =5.0V, VSS =0.0V
0
5
V
0
0.2
0.3
OVS
Output voltage swing
Vd =5.0V, VSS =0.0V, RL=10KΩ
4.7
4.8
5
V
Iop
Supply current of OP
250
350
500
uA
Ico
Supply current of Comparator
300
uA
PSR
R
Power-supply Rejection
Ration for OP
Vdd= 5.0V, VSS =0.0V
50
60
70
dB
Vs
Operating range
2.5
5.5
V
Note: 1. These parameters are hypothetical (not tested) and are provided for design reference use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com