Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 35 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4010 Datasheet HTML 31Page - Analog Devices AD4010 Datasheet HTML 32Page - Analog Devices AD4010 Datasheet HTML 33Page - Analog Devices AD4010 Datasheet HTML 34Page - Analog Devices AD4010 Datasheet HTML 35Page - Analog Devices AD4010 Datasheet HTML 36Page - Analog Devices AD4010 Datasheet HTML 37Page - Analog Devices AD4010 Datasheet HTML 38Page - Analog Devices AD4010 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 35 of 39
CS MODE, 4-WIRE WITH BUSY INDICATOR
This mode is typically used when a single AD4002/AD4006/
AD4010 device is connected to an SPI-compatible digital host
with an interrupt input (IRQ), and when CNV, which samples
the analog input, is required to be independent of the signal
used to select the data reading. This independence is particularly
important in applications where low jitter on CNV is desired.
The connection diagram is shown in Figure 61, and the
corresponding timing diagram is shown in Figure 62.
Turbo mode must be disabled to use this mode. To disable turbo
mode, set the turbo mode enable field in the configuration
register to 0 (see Table 12). Turbo mode is disabled by default.
A rising edge on CNV initiates a conversion and forces SDO to
high impedance. When performing conversions in this mode,
SDI must be high during the CNV rising edge. CNV must be
held high throughout the conversion and data readback phase.
When performing conversions in this mode, SDI must be high
during the CNV rising edge. Prior to the minimum conversion
time (tCONV), SDI can select other SPI devices, such as analog
multiplexers. However, SDI must be returned low before the
minimum conversion time elapses and then held low for the
maximum possible conversion time to guarantee the generation
of the busy signal indicator. When the conversion is complete,
the AD4002/AD4006/AD4010 enter the acquisition phase and
power down. There must not be any digital activity on SCK
during the conversion.
When the conversion is complete, SDO is driven low. With a pull-
up resistor (for example, 1 kΩ) on the SDO line, this transition
can be used as an interrupt signal to initiate the data reading
controlled by the digital host. The data bits are then clocked out
MSB first on SDO by subsequent SCK falling edges. The data is
valid on both SCK edges. Although the rising edge can capture
the data, a digital host using the SCK falling edge allows a faster
reading rate, provided it has an acceptable hold time, as dictated
by tHSDO (see Table 2). The conversion result is clocked out on
SDO on the first 18 SCK falling edges. If the status bits are
enabled, they are clocked out on SDO on the 19th through the
24th SCK falling edges (see the Status Bits section). SDO returns
to high impedance after an optional additional SCK falling edge
or the next CNV rising edge (whichever occurs first).
AD4002/
AD4006/
AD4010
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
1kΩ
CS1
Figure 61. CS Mode, 4-Wire with Busy Indicator Connection Diagram
SDO
D17
D16
D1
D0
tDIS
SCK
12
3
17
18
19
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tQUIET2
Figure 62. CS Mode, 4-Wire with Busy Indicator Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com