Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 15 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD4010 Datasheet HTML 11Page - Analog Devices AD4010 Datasheet HTML 12Page - Analog Devices AD4010 Datasheet HTML 13Page - Analog Devices AD4010 Datasheet HTML 14Page - Analog Devices AD4010 Datasheet HTML 15Page - Analog Devices AD4010 Datasheet HTML 16Page - Analog Devices AD4010 Datasheet HTML 17Page - Analog Devices AD4010 Datasheet HTML 18Page - Analog Devices AD4010 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 15 of 39
8
0
1
3
5
7
2
4
6
–40
0
40
80
–20
20
60
100
120
TEMPERATURE (°C)
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
Figure 29. Operating Current vs. Temperature, AD4002, 2 MSPS
4.0
0
0.5
1.5
2.5
3.5
1.0
2.0
3.0
–40
0
40
80
–20
20
60
100
120
TEMPERATURE (°C)
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
Figure 30. Operating Current vs. Temperature, AD4006, 1 MSPS
2.0
1.8
1.6
0
0.2
0.6
1.0
1.4
0.4
0.8
1.2
–40
0
40
80
–20
20
60
100
120
TEMPERATURE (°C)
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
Figure 31. Operating Current vs. Temperature, AD4010, 500 kSPS
100
1k
10k
100k
1M
FREQUENCY (Hz)
55
60
65
70
75
80
Figure 32. PSRR vs. Frequency, VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, TA = 25°C
0.8
0
0.1
0.3
0.5
0.7
0.2
0.4
0.6
2.4
3.0
3.6
4.2
2.7
3.3
3.9
4.5
4.8
5.1
REFERENCE VOLTAGE (V)
2MSPS
1MSPS
500kSPS
Figure 33. Reference Current vs. Reference Voltage
100k
0.01
0.1
10
100
10k
1
1k
10
1k
100k
100
10k
1M 2M
THROUGHPUT (SPS)
VDD
VIO
REF
TOTAL POWER
POWER DISSIPATION
MEASUREMENTS APPLY TO
EACH PRODUCT OVER ITS
SPECIFIED THROUGHPUT
RANGE.
Figure 34. Power Dissipation vs. Throughput, VDD = 1.8 V, VIO = 1.8 V,
VREF = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com