Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4010 Datasheet HTML 23Page - Analog Devices AD4010 Datasheet HTML 24Page - Analog Devices AD4010 Datasheet HTML 25Page - Analog Devices AD4010 Datasheet HTML 26Page - Analog Devices AD4010 Datasheet HTML 27Page - Analog Devices AD4010 Datasheet HTML 28Page - Analog Devices AD4010 Datasheet HTML 29Page - Analog Devices AD4010 Datasheet HTML 30Page - Analog Devices AD4010 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 27 of 39
REGISTER READ/WRITE FUNCTIONALITY
The AD4002/AD4006/AD4010 configuration register is read
from and written to with a 16-bit SPI instruction. The state of
the fields in the configuration register determine which of the
device features are enabled or disabled (see the Configuration
Register Details section).
The 16-bit SPI instruction consists of the 8-bit register access
command (see Table 14) followed by the register data. When
performing register read and write operations, CNV is analogous
to a chip select signal, and CNV must be brought low to access
the configuration register contents. Data on SDI is latched in on
each SCK rising edge. Data is shifted out on SDO on each SCK
falling edge. SDO returns to a high impedance state when CNV
is brought high.
The first bit read on SDI after a CNV falling edge (represented
by WEN in Table 14) must be a 0 to initiate the register access
command. The next bit (R/W) determines whether the
instruction is a write or a read. The following six bits must
match the values for Bit 5 through Bit 0, shown in Table 14,
to perform the SPI read/write.
When performing a write operation, the new register contents
are written over SDI MSB first, and the writeable bits in the
configuration register are updated after the device receives the
full byte. When performing a read operation, the current register
contents are shifted out on SDO, MSB first. Figure 47 and
Figure 48 show timing diagrams for register read and write
operations when using any of the CS modes. Figure 49 shows
the timing diagram for performing a write operation to multiple
devices connected in daisy-chain mode.
Register reads are not supported when daisy-chaining multiple
devices (see the Daisy-Chain Mode section). To verify the contents
of the configuration register, enable and read the status bits (see the
Status Bits section).
The LSB of the configuration register (Bit 0) is a read only bit that
allows digital hosts to ensure the desired digital interface mode is
selected in the frame immediately following a register write
operation. For digital hosts that are limited to 16-bit SPI frames,
such as some microcontrollers, set this bit accordingly to ensure
SDI is at the desired level on the rising edge of CNV. For example,
set this bit to 1 and/or set the idle state of SDI to 1 when using any
of the CS modes.
SPI write instructions can be performed in the same frame as
reading a conversion result. To ensure the conversion is executed
correctly, the CNV signal must obey the timing requirement for the
selected interface mode.
Table 14. Register Access Command
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WEN
R/W
0
1
0
1
0
0
tCYC
tSCK
tDIS
tSCKL
tQUIET22
tSCKH
tSSDISCK
tHSDISCK
tCNVH1
tSCNVSCK
tEN
CNV
SCK
1
234567
(0)
(1)
1
B0
B1
B2
B3
B4
B5
B6
WEN
R/W
0
1
8-BIT REGISTER ACCESS COMMAND
REGISTER DATA ON B7 TO B0
01
1
00
8
9
10
11
12
13
14
15
16
SDI
SDO
tHSDO
tDSDO
B7
X3
D17
D16
D15
D14
D13
D12
D11
D10
1THE CNV HIGH TIME MUST FOLLOW THE
tCONV SPECIFICATION TO GENERATE A VALID CONVERSION RESULT
2THE SCK FALLING EDGE TO CNV RISING EDGE DELAY MUST FOLLOW THE
tQUIET2 SPECIFICATION TO ENSURE SPECIFIED PERFORMANCE
3X MEANS DON’T CARE
Figure 47. Register Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com