Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4010 Datasheet HTML 26Page - Analog Devices AD4010 Datasheet HTML 27Page - Analog Devices AD4010 Datasheet HTML 28Page - Analog Devices AD4010 Datasheet HTML 29Page - Analog Devices AD4010 Datasheet HTML 30Page - Analog Devices AD4010 Datasheet HTML 31Page - Analog Devices AD4010 Datasheet HTML 32Page - Analog Devices AD4010 Datasheet HTML 33Page - Analog Devices AD4010 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 30 of 39
CS MODE, 3-WIRE TURBO MODE
This mode is typically used when a single AD4002/AD4006/
AD4010 device is connected to an SPI-compatible digital host.
Turbo mode allows lower SCK frequencies by increasing the time
that the ADC conversion result can be clocked out. The AD4002
can achieve a throughput rate of 2 MSPS only when turbo mode is
enabled and using a minimum SCK rate of 75 MHz (see the Serial
Clock Frequency Requirements section). The connection
diagram is shown in Figure 51, and the corresponding timing
diagram is shown in Figure 52.
To enable turbo mode, set the turbo mode enable bit in the
configuration register to 1 (see Table 12). This mode replaces the
3-wire with busy indicator mode when turbo mode is enabled.
Writing to the user configuration register requires SDI to be
connected to the digital host (see the Register Read/Write
Functionality section). When turbo mode is enabled, the
conversion result read on SDO corresponds to the result of the
previous conversion.
When performing conversions in this mode, SDI must be held
high. A CNV rising edge initiates a conversion and forces SDO to
high impedance. The user must wait tQUIET1 time after the CNV
rising edge before bringing CNV low to clock out the previous
conversion result. When the conversion is complete (after tCONV),
the AD4002/AD4006/AD4010 enter the acquisition phase and
power down.
When CNV goes low, the MSB is output to SDO. The remaining
data bits are clocked by subsequent SCK falling edges. The data is
valid on both SCK edges. Although the rising edge can capture the
data, a digital host using the SCK falling edge allows a faster
reading rate, provided it has an acceptable hold time, as dictated by
tHSDO (see Table 2). If the status bits are not enabled, SDO returns to
high impedance after the 18th SCK falling edge. If the status bits are
enabled, they are shifted out on the 19th through the 24th SCK
falling edge (see the Status Bits section). SDO returns to high
impedance after the final SCK falling edge, or when CNV goes high
(whichever occurs first). The user must also provide a delay of
tQUIET2 between the final SCK falling edge and the next CNV rising
edge to ensure specified performance.
AD4002/
AD4006/
AD4010
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
DATA OUT
Figure 51. CS Mode, 3-Wire Turbo Mode Connection Diagram
SDI = 1
tCYC
CNV
ACQUISITION
ACQUISITION
tACQ
tSCK
tSCKL
CONVERSION
SCK
D0
D1
D15
D16
D17
SDO
tEN
tHSDO
1
2
3
16
17
18
tDSDO
tDIS
tSCKH
tQUIET1
QUIET2
CONV
Figure
52. CS Mode, 3-Wire Turbo Mode Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com