Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 1 Page - Analog Devices

  AD4010 Datasheet HTML 1Page - Analog Devices AD4010 Datasheet HTML 2Page - Analog Devices AD4010 Datasheet HTML 3Page - Analog Devices AD4010 Datasheet HTML 4Page - Analog Devices AD4010 Datasheet HTML 5Page - Analog Devices AD4010 Datasheet HTML 6Page - Analog Devices AD4010 Datasheet HTML 7Page - Analog Devices AD4010 Datasheet HTML 8Page - Analog Devices AD4010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
18-Bit, 2 MSPS/1 MSPS/500 kSPS,
Precision, Pseudo Differential, SAR ADCs
Data Sheet
AD4002/AD4006/AD4010
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices foritsuse,norforanyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Easy Drive
Greatly reduced input kickback
Input current reduced to 0.5 μA/MSPS
Enhanced acquisition phase, ≥79% of cycle time at 1 MSPS
First conversion accurate, no latency or pipeline delay
Input span compression for single-supply operation
Fast conversion allows low SPI clock rates
Input overvoltage clamp protection sinks up to 50 mA
SPI-/QSPI-/MICROWIRE-/DSP-compatible serial interface
High performance
Pseudo differential analog input range
0 V to VREF with VREF from 2.4 V to 5.1 V
Throughput: 2 MSPS/1 MSPS/500 kSPS options
INL: ±3.2 LSB maximum
Guaranteed 18-bit, no missing codes
SNR: 95 dB at fIN = 1 kHz at VREF = 5 V
THD: −125 dB at fIN = 1 kHz, −108 dB at fIN = 100 kHz
SINAD: 84.5 dB at fIN = 1 MHz (see Figure 17)
Oversampled dynamic range
98 dB for OSR = 2
125 dB for OSR = 1024
Low power
Single 1.8 V supply operation with 1.71 V to 5.5 V logic
interface
2.5 mW at 500 kSPS (VDD only)
70 μW at 10 kSPS, 14 mW at 2 MSPS (total power)
10-lead packages: 3 mm × 3 mm LFCSP, 3 mm × 4.90 mm MSOP
Pin compatible with AD4003/AD4007/AD4011 family
Guaranteed operation: −40°C to +125°C
APPLICATIONS
Automated test equipment
Machine automation
Medical equipment
Battery-powered equipment
Precision data acquisition systems
Instrumentation and control systems
FUNCTIONAL BLOCK DIAGRAM
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4002/
AD4006/
AD4010
18-BIT
SAR ADC
SERIAL
INTERFACE
VIO
REF
VDD
VREF
0
VREF/2
HIGH-Z
MODE
CLAMP
SPAN
COMPRESSION
TURBO
MODE
STATUS
BITS
2.4V TO 5.1V
1.8V
10µF
1.8V TO 5V
3-WIRE OR 4-WIRE
SPI INTERFACE
(DAISY CHAIN, CS)
Figure 1.
GENERAL DESCRIPTION
The AD4002/AD4006/AD4010 are high accuracy, high speed,
low power, 1
8-bit, Easy Drive, precision successive approximation
register (SAR) analog-to-digital converters (ADCs) that operate
from a single power supply, VDD. The reference voltage, VREF, is
applied externally and can be set independent of the supply voltage.
The AD4002/AD4006/AD4010 power scales linearly with
throughput.
Easy Drive features reduce both signal chain complexity and
power consumption while enabling higher channel density. The
reduced input current, particularly in high-Z mode, coupled with a
long signal acquisition phase, eliminates the need for a dedicated
ADC driver. Easy Drive broadens the range of companion circuitry
that is capable of driving these ADCs (see Figure 2).
Input span compression eliminates the need to provide a
negative supply to the ADC driver amplifier while preserving
access to the full ADC code range. The input overvoltage clamp
protects the ADC inputs against overvoltage events, minimizing
disturbances on the reference pin and eliminating the need for
external protection diodes.
Fast device throughput up to 2 MSPS allows users to accurately
capture high frequency signals and to implement oversampling
techniques to alleviate the challenges associated with antialias
filter designs. Decreased serial peripheral interface (SPI) clock
rate requirements reduce digital input/output power consumption,
broadens digital host options, and simplifies the task of sending
data across digital isolation. The SPI-compatible serial user
interface is compatible with 1.8 V, 2.5 V, 3 V, and 5 V logic by
using the separate VIO logic supply.
–25
–20
–15
–10
–5
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT DIFFERENTIAL VOLTAGE (V)
HIGH-Z DISABLED, 2MSPS
HIGH-Z ENABLED, 2MSPS
Figure 2. Input Current vs. Input Differential Voltage


Similar Part No. - AD4010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. PrA
More results

Similar Description - AD4010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4682 AD-AD4682 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com