Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 24 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4010 Datasheet HTML 20Page - Analog Devices AD4010 Datasheet HTML 21Page - Analog Devices AD4010 Datasheet HTML 22Page - Analog Devices AD4010 Datasheet HTML 23Page - Analog Devices AD4010 Datasheet HTML 24Page - Analog Devices AD4010 Datasheet HTML 25Page - Analog Devices AD4010 Datasheet HTML 26Page - Analog Devices AD4010 Datasheet HTML 27Page - Analog Devices AD4010 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 24 of 39
Additionally, the AD4002/AD4006/AD4010 can be driven with
a much higher source impedance than traditional SARs, which
means the resistor in the RC filter can have a value 10 times larger
than previous SAR designs and with high-Z mode enabled can
tolerate even greater impedance. Figure 26 shows the THD
performance for various source impedances with high-Z
mode disabled and enabled.
Figure 45 and Figure 46 show the AD4002 SNR and THD
performance using the ADA4077-1 (supply current per
amplifier (ISY) = 400 μA), and ADA4610-1 (ISY = 1.50 mA)
precision amplifiers when driving the AD4002 at full throughput
(2 MSPS) for high-Z mode both enabled and disabled with various
RC filter values. These amplifiers achieve 93.2 dB and 90.7 dB
typical SNR and −111 dB and −105 dB typical THD with high-Z
enabled for a 2.27 MHz RC bandwidth, respectively. THD is
approximately 10 dB better with high-Z mode enabled, even for
large R values. SNR maintains close to 88 dB even with a low
RC filter cutoff. The ADA4077-1 and ADA4610-1 data sheets of
the selected precision amplifiers (see Figure 45 and Figure 46)
show that their own noise and distortion performance dominates
the SNR and THD specification at a certain input frequency.
When high-Z mode is enabled, the ADC consumes approximately
2 mW per MSPS extra power. However, this additional power is
still significantly lower than using dedicated ADC drivers like
the ADA4807-1.
95
70
75
80
85
90
260.48kHz
1.3kΩ 470pF
5.89MHz
150Ω 180pF
4.42MHz
200Ω 180pF
2.27MHz
390Ω 180pF
1.3MHz
680Ω 180pF
497.98kHz
680Ω 470pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z ENABLED
ADA4077-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
Figure 45. SNR vs. RC Filter Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled), VDD = 1.8 V,
VIO = 3.3 V, VREF = 5 V, TA = 25°C
–70
–120
–110
–100
–90
–80
–75
–115
–105
–95
–85
260.48kHz
1.3kΩ 470pF
5.89MHz
150Ω 180pF
4.42MHz
200Ω 180pF
2.27MHz
390Ω 180pF
1.3MHz
680Ω 180pF
497.98kHz
680Ω 470pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z ENABLED
ADA4077-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
Figure 46. THD vs. RC Bandwidths for Various Precision ADC Drivers,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled), VDD = 1.8 V,
VIO = 3.3 V, VREF = 5 V, TA = 25°C
Long Acquisition Phase
The AD4002/AD4006/AD4010 also feature a very fast conversion
time of 290 ns, which results in a long acquisition phase. The
acquisition is further extended by a key feature of the AD4002/
AD4006/AD4010: the ADC returns to the acquisition phase
typically 100 ns before the end of the conversion. This feature
provides an even longer time for the ADC to acquire the new
input voltage. A longer acquisition phase reduces the settling
requirement on the driving amplifier, and a lower power and lower
bandwidth amplifier can be chosen. The longer acquisition
phase means that a lower RC filter (represented by R and C in
Figure 39 and Figure 40) cutoff can be used, which means a
noisier amplifier can also be tolerated. A larger value of R can
be used in the RC filter with a corresponding smaller value of C,
reducing amplifier stability concerns without affecting distortion
performance significantly. A larger value of R also results in
reduced dynamic power dissipation in the amplifier.
See Table 10 for details on setting the RC filter bandwidth and
choosing a suitable amplifier.
VOLTAGE REFERENCE INPUT
A 10 μF (X7R, 0805 size) ceramic chip capacitor is appropriate
for the optimum performance of the reference input.
For higher performance and lower drift, use a reference such
as the ADR4550. Using a low power reference such as the
ADR3450 can result in a decrease in the noise performance. It is
recommended to use a reference buffer, such as the ADA4807-1,
between the reference and the ADC reference input. It is important
to consider the optimum capacitance necessary to keep the
reference buffer stable as well as to meet the minimum ADC
requirement stated previously in this section (that is, a 10 μF
ceramic chip capacitor, CREF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com