Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4010 Datasheet HTML 5Page - Analog Devices AD4010 Datasheet HTML 6Page - Analog Devices AD4010 Datasheet HTML 7Page - Analog Devices AD4010 Datasheet HTML 8Page - Analog Devices AD4010 Datasheet HTML 9Page - Analog Devices AD4010 Datasheet HTML 10Page - Analog Devices AD4010 Datasheet HTML 11Page - Analog Devices AD4010 Datasheet HTML 12Page - Analog Devices AD4010 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 9 of 39
ABSOLUTE MAXIMUM RATINGS
Note that the input overvoltage clamp cannot sustain the
overvoltage condition for an indefinite amount of time.
Table 5.
Parameter
Rating
Analog Inputs
IN+, IN− to GND1
−0.3 V to VREF + 0.4 V
or ±130 mA2
Supply Voltage
REF, VIO to GND
−0.3 V to +6.0 V
VDD to GND
−0.3 V to +2.1 V
VDD to VIO
−6 V to +2.4 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature Soldering
260°C reflow as per
JEDEC J-STD-020
Electrostatic Discharge (ESD) Ratings
Human Body Model
4 kV
Machine Model
200 V
Field Induced Charged Device Model
1.25 kV
1 See the Analog Inputs section for an explanation of IN+ and IN−.
2 Current condition tested over a 10 ms time interval.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction-to-ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction-to-case thermal resistance.
Table 6. Thermal Resistance
Package Type1
θJA
θJC
Unit
RM-10
147
38
°C/W
CP-10-9
114
33
°C/W
1 Test Condition 1: thermal impedance simulated values are based upon use
of a 2S2P JEDEC PCB. See the Ordering Guide.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com