Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4010 Datasheet HTML 15Page - Analog Devices AD4010 Datasheet HTML 16Page - Analog Devices AD4010 Datasheet HTML 17Page - Analog Devices AD4010 Datasheet HTML 18Page - Analog Devices AD4010 Datasheet HTML 19Page - Analog Devices AD4010 Datasheet HTML 20Page - Analog Devices AD4010 Datasheet HTML 21Page - Analog Devices AD4010 Datasheet HTML 22Page - Analog Devices AD4010 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 19 of 39
Bits
100 kSPS
250 kSPS
400 kSPS to
500 kSPS
≥1000 kSPS
163
AD7680,
AD7683,
AD7988-12
AD76852,
AD7694
AD40082,
AD76862,
AD7988-52
AD40002,
AD40042,
AD79802,
AD79832
143
AD7940
AD79422
AD79462
Not applicable
1 True differential.
2 Pin for pin compatible.
3 Pseudo differential.
CONVERTER OPERATION
The AD4002/AD4006/AD4010 are SAR-based ADCs using a
charge redistribution sampling digital-to-analog-converter
(DAC). Figure 37 shows the simplified schematic of the ADC.
The capacitive DAC consists of two identical arrays of 18 binary
weighted capacitors, which are connected to the comparator
inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to ground via the SW+
and SW− switches (see Figure 37). All independent switches
connect the other terminal of each capacitor to the analog inputs.
The capacitor arrays are used as sampling capacitors and
acquire the analog signal on the IN+ and IN− inputs.
When the acquisition phase is complete and the CNV input
goes high, a conversion phase initiates. When the conversion
phase begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the GND input. The differential voltage between the IN+ and
IN− inputs captured at the end of the acquisition phase is
applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between GND and VREF, the comparator input varies by
binary weighted voltage steps (VREF/2, VREF/4, …, VREF/262,144).
The control logic toggles these switches, starting with the MSB,
to bring the comparator back into a balanced condition. After
the completion of this process, the control logic generates the
ADC output code and a busy signal indicator.
Because the AD4002/AD4006/AD4010 have on-board conversion
clocks, the serial clock, SCK, is not required for the conversion
process.
TRANSFER FUNCTIONS
The ideal transfer characteristics for the AD4002/AD4006/
AD4010 are shown in Figure 38 and Table 9.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 38. ADC Ideal Transfer Function (FSR Is Full-Scale Range)
Table 9. Output Codes and Ideal Input Voltages
Description
Analog Input, VREF = 5 V
VREF = 5 V with Span Compression Enabled (V)
Digital Output Code (Hex)
FSR − 1 LSB
4.999981 V
4.499985
0x3FFFF1
Midscale + 1 LSB
2.500019 V
2.500015
0x20001
Midscale
2.5 V
2.5
0x20000
Midscale − 1 LSB
2.499981 V
2.499985
0x1FFFF
−FSR + 1 LSB
19.07 μV
0.50001526
0x00001
−FSR
0 V
0.5
0x000002
1 This output code is also the code for an overranged analog input (VIN+ − VIN− above VREF with span compression disabled and above 0.9 × VREF with span compression enabled).
2 This output code is also the code for an underranged analog input (VIN+ − VIN− below 0 V with span compression disabled and below 0.1 × VREF with span compression enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com