Electronic Components Datasheet Search
  English  ▼

X  

AD4010 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4010
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4010 Datasheet HTML 14Page - Analog Devices AD4010 Datasheet HTML 15Page - Analog Devices AD4010 Datasheet HTML 16Page - Analog Devices AD4010 Datasheet HTML 17Page - Analog Devices AD4010 Datasheet HTML 18Page - Analog Devices AD4010 Datasheet HTML 19Page - Analog Devices AD4010 Datasheet HTML 20Page - Analog Devices AD4010 Datasheet HTML 21Page - Analog Devices AD4010 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
AD4002/AD4006/AD4010
Data Sheet
Rev. A | Page 18 of 39
THEORY OF OPERATION
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
C
C
2C
65,536C
4C
131,072C
LSB
SW+
MSB
LSB
SW–
MSB
C
C
2C
65,536C
4C
131,072C
IN+
REF
GND
IN–
Figure 37. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD4002/AD4006/AD4010 are high speed, low power, single-
supply, precise, 18-bit pseudo differential ADCs based on a SAR
architecture.
The AD4002 is capable of converting 2,000,000 samples per
second (2 MSPS), the AD4006 is capable of converting
1,000,000 samples per second (1 MSPS), and the AD4010 is
capable of converting 500,000 samples per second (500 kSPS).
The power consumption of the AD4002/AD4006/AD4010
scales with throughput because the devices power down in
between conversions. For example, when operating at 10 kSPS,
the devices typically consume 70 μW, making them ideal for
battery-powered applications. The AD4002/AD4006/AD4010
also have a valid first conversion after being powered down for
long periods, which can further reduce power consumed in
applications in which the ADC does not need to be constantly
converting.
The AD4002/AD4006/AD4010 provide the user with an on-chip
track-and-hold and do not exhibit any pipeline delay or latency,
making them ideal for multiplexed applications.
The AD4002/AD4006/AD4010 incorporate a multitude of
unique easy to use features that result in a lower system power
and smaller footprint.
The AD4002/AD4006/AD4010 each have an internal voltage
clamp that protects the device from overvoltage damage on the
analog inputs.
The analog input incorporates circuitry that reduces the nonlinear
charge kickback seen from a typical switched capacitor SAR input.
This reduction in kickback, combined with a longer acquisition
phase, allows the use of lower bandwidth and lower power
amplifiers as drivers. This combination has the additional benefit
of allowing a larger resistor value in the input RC filter and a
corresponding smaller capacitor, which results in a smaller RC load
for the amplifier, improving stability and power dissipation.
High-Z mode can be enabled via the SPI interface by programming
a register bit (see Table 14). When high-Z mode is enabled,
the ADC input has a low input charging current at low input
signal frequencies as well as improved distortion over a wide
frequency range up to 100 kHz. For frequencies greater than
100 kHz and multiplexing functionality, disable high-Z mode.
For single-supply applications, a span compression feature
creates additional headroom and footroom for the driving
amplifier to access the full range of the ADC.
The fast conversion time of the AD4002/AD4006/AD4010,
along with turbo mode, allows low clock rates to read back
conversions, even when running at their respective maximum
throughput rates. Note that, for the AD4002, the full throughput
rate of 2 MSPS can be achieved only with turbo mode enabled.
The AD4002/AD4006/AD4010 can interface with any 1.8 V to
5 V digital logic family. These devices are available in a 10-lead
MSOP or a tiny 10-lead LFCSP that allows space savings and
flexible configurations.
The AD4002/AD4006/AD4010 are pin for pin compatible with
some of the 14-/16-/18-/20-bit precision SAR ADCs listed in
Table 8.
Table 8. MSOP, LFCSP 14-/16-/18-/20-Bit Precision SAR ADCs
Bits
100 kSPS
250 kSPS
400 kSPS to
500 kSPS
≥1000 kSPS
201
Not
applicable
Not
applicable
AD40222
AD40202,
AD40212
181
AD7989-12
AD76912
AD40112,
AD76902,
AD7989-52
AD40032,
AD40072,
AD79822,
AD79842
183
AD40102
AD40022,
AD40062
161
AD7684
AD76872
AD76882,
AD76932,
AD79162
AD40012,
AD40052,
AD79152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com