Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 5 Page - Analog Devices

  AD5172 Datasheet HTML 1Page - Analog Devices AD5172 Datasheet HTML 2Page - Analog Devices AD5172 Datasheet HTML 3Page - Analog Devices AD5172 Datasheet HTML 4Page - Analog Devices AD5172 Datasheet HTML 5Page - Analog Devices AD5172 Datasheet HTML 6Page - Analog Devices AD5172 Datasheet HTML 7Page - Analog Devices AD5172 Datasheet HTML 8Page - Analog Devices AD5172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
AD5172/AD5173
SPECIFICATIONS
analog.com
Rev. J | 5 of 22
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
Input Logic Low9
VIL
VDD = 5 V
−0.5
+0.3 VDD
V
AD0 and AD1
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance7
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
OTP Supply Voltage9, 10
VDD_OTP
TA = 25°C
5.6
5.7
5.8
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
3.5
6
µA
OTP Supply Current9, 11, 12
IDD_OTP
VDD_OTP = 5.7 V, TA = 25°C
100
mA
Power Dissipation13
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5
V
33
µW
Power Supply Sensitivity
PSS
VDD = 5 V ± 10%, code =
midscale
±0.02
±0.08
%/%
DYNAMIC CHARACTERISTICS14
Bandwidth, −3 dB
BW
RAB = 10 kΩ, code = 0x80
600
kHz
RAB = 100 kΩ, code = 0x80
40
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1
kHz, RAB = 10 kΩ
0.1
%
VW Settling Time
tS
VA = 5 V, VB = 0 V, ±1 LSB
error band
2
µs
Resistor Noise Voltage Density
eN_WB
RWB = 5 kΩ, RS = 0 Ω
9
nV/√Hz
1 Typical specifications represent average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions.
R-DNL measures the relative step change from the ideal between successive tap positions. Parts are guaranteed monotonic.
3 VA = VDD, VB = 0 V, wiper (VW) = no connect.
4 Specifications apply to all VRs.
5 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits of
±1 LSB maximum are guaranteed monotonic operating conditions.
6 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
7 Guaranteed by design, but not subject to production test.
8 Measured at Terminal A. Terminal A is open circuited in shutdown mode.
9 The minimum voltage requirement on the VIH is 0.7 V × VDD. For example, VIH minimum = 3.5 V when VDD = 5 V. It is typical for the SCL and SDA resistors to be pulled up
to VDD. However, care must be taken to ensure that the minimum VIH is met when the SCL and SDA are driven directly from a low voltage logic controller without pull-up
resistors.
10 Different from the operating power supply; the power supply for OTP is used one time only.
11 Different from the operating current; the supply current for OTP lasts approximately 400 ms for one time only.
12 See Figure 29 for an energy plot during an OTP program.
13 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
14 All dynamic characteristics use VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com