Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5172 Datasheet HTML 11Page - Analog Devices AD5172 Datasheet HTML 12Page - Analog Devices AD5172 Datasheet HTML 13Page - Analog Devices AD5172 Datasheet HTML 14Page - Analog Devices AD5172 Datasheet HTML 15Page - Analog Devices AD5172 Datasheet HTML 16Page - Analog Devices AD5172 Datasheet HTML 17Page - Analog Devices AD5172 Datasheet HTML 18Page - Analog Devices AD5172 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
AD5172/AD5173
THEORY OF OPERATION
analog.com
Rev. J | 15 of 22
The general equation that determines the digitally programmed
output resistance between W and B is
RWBD = D256×RAB+2×RW
(1)
where:
D is the decimal equivalent of the binary code loaded in the 8-bit
RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on resistance of the
internal switch.
In summary, if RAB is 10 kΩ and the A terminal is open circuited, the
output resistance, RWB, is set according to the RDAC latch codes,
as listed in Table 8.
Table 8. Codes and Corresponding RWB Resistance
D (Dec)
RWB (Ω)
Output State
255
10,281
Full scale (RAB – 1 LSB + 2 × RW)
128
5320
Midscale
1
359
1 LSB
0
320
Zero scale (wiper contact resistance)
Note that in the zero-scale condition, a finite wiper resistance of
160 Ω is present. Care should be taken to limit the current flow
between W and B in this state to a maximum pulse current of no
more than 20 mA. Otherwise, degradation or possible destruction of
the internal switch contact may occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between Wiper W and Terminal A also produces a digitally
controlled complementary resistance, RWA. When these terminals
are used, the B terminal can be opened. Setting the resistance val-
ue for RWA starts at a maximum value of resistance and decreases
as the data loaded in the latch increases in value. The general
equation for this operation is
RWAD =256–D256×RAB+2×RW
(2)
When RAB is 10 kΩ and the B terminal is open circuited, the output
resistance, RWA, is set according to the RDAC latch codes, as listed
in Table 9.
Table 9. Codes and Corresponding RWA Resistance
D (Dec)
RWA (Ω)
Output State
255
359
Full scale
128
5320
Midscale
1
10,281
1 LSB
0
10,320
Zero scale
Typical device-to-device matching is process lot dependent and can
vary up to ±30%. Because the resistance element is processed
using thin film technology, the change in RAB with temperature has
a very low temperature coefficient of 35 ppm/°C.
PROGRAMMING THE POTENTIOMETER
DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at wiper
to B and at wiper to A, proportional to the input voltage at A to B.
Unlike the polarity of VDD to GND, which must be positive, voltage
across A to B, W to A, and W to B can be at either polarity.
Figure 41. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for approximation,
connecting the A terminal to 5 V and the B terminal to ground
produces an output voltage at the wiper to B, starting at 0 V up
to 1 LSB less than 5 V. Each LSB of voltage is equal to the
voltage applied across Terminal A and Terminal B divided by the
256 positions of the potentiometer divider. The general equation
defining the output voltage at VW with respect to ground for any
valid input voltage applied to Terminal A and Terminal B is
VW(D)= D256VA+256−D256VB
(3)
A more accurate calculation, which includes the effect of wiper
resistance, VW, is
VW(D)=RWB(D)RABVA+RWA(D)RABVB
(4)
Operation of the digital potentiometer in the divider mode results in
more accurate operation over temperature. Unlike in the rheostat
mode, the output voltage is dependent mainly on the ratio of
the internal resistors, RWA and RWB, not on the absolute values.
Therefore, the temperature drift reduces to 15 ppm/°C.
ESD PROTECTION
All digital inputs, SDA, SCL, AD0, and AD1, are protected with a
series input resistor and parallel Zener ESD structures, as shown in
Figure 42 and Figure 43.
Figure 42. ESD Protection of Digital Pins
Figure 43. ESD Protection of Resistor Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com