Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5172 Datasheet HTML 14Page - Analog Devices AD5172 Datasheet HTML 15Page - Analog Devices AD5172 Datasheet HTML 16Page - Analog Devices AD5172 Datasheet HTML 17Page - Analog Devices AD5172 Datasheet HTML 18Page - Analog Devices AD5172 Datasheet HTML 19Page - Analog Devices AD5172 Datasheet HTML 20Page - Analog Devices AD5172 Datasheet HTML 21Page - Analog Devices AD5172 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
AD5172/AD5173
I2C INTERFACE
analog.com
Rev. J | 20 of 22
Figure 51. Multiple AD5173 Devices on One I2C Bus
LEVEL SHIFTING FOR DIFFERENT VOLTAGE
OPERATION
If the SCL and SDA signals come from a low voltage logic controller
and are below the minimum VIH level (0.7 V × VDD), level shift
the signals for read/write communications between the AD5172/
AD5173 and the controller. Figure 52 shows one of the implemen-
tations. For example, when SDA1 is at 2.5 V, M1 turns off, and
SDA2 becomes 5 V. When SDA1 is at 0 V, M1 turns on, and SDA2
approaches 0 V. As a result, proper level shifting is established. It is
best practice for M1 and M2 to be low threshold N-channel power
MOSFETs, such as the FDV301N from On Semiconductor.
Figure 52. Level Shifting for Different Voltage Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com