Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 3 Page - Analog Devices

  AD5172 Datasheet HTML 1Page - Analog Devices AD5172 Datasheet HTML 2Page - Analog Devices AD5172 Datasheet HTML 3Page - Analog Devices AD5172 Datasheet HTML 4Page - Analog Devices AD5172 Datasheet HTML 5Page - Analog Devices AD5172 Datasheet HTML 6Page - Analog Devices AD5172 Datasheet HTML 7Page - Analog Devices AD5172 Datasheet HTML 8Page - Analog Devices AD5172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
AD5172/AD5173
SPECIFICATIONS
analog.com
Rev. J | 3 of 22
ELECTRICAL CHARACTERISTICS: 2.5 KΩ
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−2
±0.1
+2
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−14
±2
+14
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
−20
+55
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆T
35
ppm/°C
Wiper Resistance
RWB
Code = 0x00, VDD = 5 V
160
200
Ω
DC CHARACTERISTICS—POTENTIOMETER DIVIDER
MODE4
Differential Nonlinearity5
DNL
−1.5
±0.1
+1.5
LSB
Integral Nonlinearity5
INL
−2
±0.6
+2
LSB
Voltage Divider Temperature Coefficient
(ΔVW/VW)/ΔT
Code = 0x80
15
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−14
−5.5
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
4.5
12
LSB
RESISTOR TERMINALS
Voltage Range6
VA, VB, VW
GND
VDD
V
Capacitance A, B7
CA, CB
f = 1 MHz, measured to GND,
code = 0x80
45
pF
Capacitance W7
CW
f = 1 MHz, measured to GND,
code = 0x80
60
pF
Shutdown Supply Current8
IA_SD
VDD = 5.5 V
0.01
1
µA
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
SDA and SCL
Input Logic High9
VIH
VDD = 5 V
0.7 VDD
VDD + 0.5
V
Input Logic Low9
VIL
VDD = 5 V
−0.5
+0.3 VDD
V
AD0 and AD1
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance7
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
OTP Supply Voltage9, 10
VDD_OTP
TA = 25°C
5.6
5.7
5.8
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
3.5
6
µA
OTP Supply Current9, 11, 12
IDD_OTP
VDD_OTP = 5.7 V, TA = 25°C
100
mA
Power Dissipation13
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
33
µW
Power Supply Sensitivity
PSS
VDD = 5 V ± 10%, code = midscale
±0.02
±0.08
%/%
DYNAMIC CHARACTERISTICS14
Bandwidth, −3 dB
BW
Code = 0x80
4.8
MHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
0.1
%
VW Settling Time
tS
VA = 5 V, VB = 0 V, ±1 LSB error
band
1
µs
Resistor Noise Voltage Density
eN_WB
RWB = 1.25 kΩ, RS = 0 Ω
3.2
nV/√Hz
1 Typical specifications represent average readings at 25°C and VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com