Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5172 Datasheet HTML 12Page - Analog Devices AD5172 Datasheet HTML 13Page - Analog Devices AD5172 Datasheet HTML 14Page - Analog Devices AD5172 Datasheet HTML 15Page - Analog Devices AD5172 Datasheet HTML 16Page - Analog Devices AD5172 Datasheet HTML 17Page - Analog Devices AD5172 Datasheet HTML 18Page - Analog Devices AD5172 Datasheet HTML 19Page - Analog Devices AD5172 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
AD5172/AD5173
THEORY OF OPERATION
analog.com
Rev. J | 16 of 22
TERMINAL VOLTAGE OPERATING RANGE
The AD5172/AD5173 to GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer operation.
Supply signals present on Terminal A, Terminal B, and Terminal
W that exceed VDD or GND are clamped by the internal forward-
biased diodes (see Figure 44).
Figure 44. Maximum Terminal Voltages Set by VDD and GND
POWER-UP SEQUENCE
Because the ESD protection diodes limit the voltage compliance
at Terminal A, Terminal B, and Terminal W (see Figure 44), it is
important to power VDD/GND before applying voltage to Terminal A,
Terminal B, and Terminal W. Otherwise, the diode is forward-biased
such that VDD is powered unintentionally and may affect the rest
of the user’s circuit. The ideal power-up sequence is GND, VDD,
digital inputs, and then VA/VB/VW. The relative order of powering
VA, VB, VW, and the digital inputs is not important, as long as they
are powered after VDD/GND.
POWER SUPPLY CONSIDERATIONS
To minimize the package pin count, both the one-time programming
and normal operating voltage supplies are applied to the same
VDD terminal of the device. The AD5172/AD5173 employ fuse link
technology that requires 5.6 V to 5.8 V to blow the internal fuses to
achieve a given setting, but normal VDD can be 2.7 V to 5.5 V. Such
dual-voltage requirements need isolation between the supplies if
VDD is lower than the required VDD_OTP. The fuse programming
supply (either an on-board regulator or rack-mount power supply)
must be rated at 5.6 V to 5.8 V and must be able to provide a
100 mA transient current for 400 ms for successful one-time pro-
gramming. When programming is completed, the VDD_OTP supply
must be removed to allow normal operation at 2.7 V to 5.5 V; the
device consumes only microamps of current.
Figure 45. Isolate 5.7 V OTP Supply from 2.7 V Normal Operating Supply
For example, for those who operate their systems at 2.7 V, use
of the bidirectional, low threshold, P-channel MOSFETs is recom-
mended for the isolation of the supply. As shown in Figure 45, this
assumes that the 2.7 V system voltage is applied first and that
the P1 and P2 gates are pulled to ground, thus turning on P1 and
then P2. As a result, VDD of the AD5172/AD5173 approaches 2.7
V. When the AD5172/AD5173 setting is found, the factory tester
applies the VDD_OTP to both the VDD and the MOSFET gates, thus
turning P1 and P2 off. To program the AD5172/AD5173 while the
2.7 V source is protected, execute the OTP command at this time.
When the OTP is completed, the tester withdraws the VDD_OTP, and
the setting of the AD5172/AD5173 is fixed permanently.
The AD5172/AD5173 achieve the OTP function by blowing internal
fuses. Always apply the 5.6 V to 5.8 V one-time program voltage
requirement at the first fuse programming attempt. Failure to com-
ply with this requirement may lead to changing the fuse structures,
rendering programming inoperable.
Care should be taken when SCL and SDA are driven from a low
voltage logic controller. Users must ensure that the logic high level
is between 0.7 V × VDD and VDD + 0.5 V.
Poor PCB layout introduces parasitics that can affect fuse program-
ming. Therefore, it is recommended to add a 1 µF to 10 µF tantalum
capacitor in parallel with a 1 nF ceramic capacitor as close as
possible to the VDD pin. The type and value chosen for both
capacitors are important. These capacitors work together to provide
both fast responsiveness and large supply current handling with
minimum supply droop during transients. As a result, these capaci-
tors increase the OTP programming success by not inhibiting the
proper energy needed to blow the internal fuses. Additionally, C1
minimizes transient disturbance and low frequency ripple, whereas
C2 reduces high frequency noise during normal operation.
Figure 46. Power Supply Bypassing
LAYOUT CONSIDERATIONS
In PCB layout, it is a good practice to employ compact, minimum
lead length design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths should
have low resistance and low inductance.
Note that the digital ground should also be joined remotely to the
analog ground at one point to minimize the ground bounce.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com