Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5172 Datasheet HTML 14Page - Analog Devices AD5172 Datasheet HTML 15Page - Analog Devices AD5172 Datasheet HTML 16Page - Analog Devices AD5172 Datasheet HTML 17Page - Analog Devices AD5172 Datasheet HTML 18Page - Analog Devices AD5172 Datasheet HTML 19Page - Analog Devices AD5172 Datasheet HTML 20Page - Analog Devices AD5172 Datasheet HTML 21Page - Analog Devices AD5172 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
AD5172/AD5173
OUTLINE DIMENSIONS
analog.com
Rev. J | 21 of 22
Figure 53. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
Updated: October 12, 2021
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
AD5172BRMZ10
-40°C to +125°C
10-Lead MSOP
Tube, 50
RM-10
DCT
AD5172BRMZ100
-40°C to +125°C
10-Lead MSOP
Tube, 50
RM-10
DCV
AD5172BRMZ100-RL7
-40°C to +125°C
10-Lead MSOP
Reel, 1000
RM-10
DCV
AD5172BRMZ10-RL7
-40°C to +125°C
10-Lead MSOP
Reel, 1000
RM-10
DCT
AD5172BRMZ2.5
-40°C to +125°C
10-Lead MSOP
Tube, 50
RM-10
DCR
AD5173BRMZ10
-40°C to +125°C
10-Lead MSOP
Tube, 50
RM-10
DCL
AD5173BRMZ10-RL7
-40°C to +125°C
10-Lead MSOP
Reel, 1000
RM-10
DCL
AD5173BRMZ2.5
-40°C to +125°C
10-Lead MSOP
Tube, 50
RM-10
DCH
AD5173BRMZ2.5-RL7
-40°C to +125°C
10-Lead MSOP
Reel, 1000
RM-10
DCH
1 Z = RoHS Compliant Part.
RAB OPTIONS
Model1, 2
RAB (kΩ) Options
AD5172BRMZ10
10
AD5172BRMZ100
100
AD5172BRMZ100-RL7
100
AD5172BRMZ10-RL7
10
AD5172BRMZ2.5
2.5
AD5173BRMZ10
10
AD5173BRMZ10-RL7
10
AD5173BRMZ2.5
2.5
AD5173BRMZ2.5-RL7
2.5
1 Z = RoHS Compliant Part.
2 The part has a YWW or #YWW label and an assembly lot number label on the bottom side of the package. The Y shows the year that the part was made, for example, Y =
5 means the part was in 2005. WW shows the work week that the part was made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com