Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5172 Datasheet HTML 4Page - Analog Devices AD5172 Datasheet HTML 5Page - Analog Devices AD5172 Datasheet HTML 6Page - Analog Devices AD5172 Datasheet HTML 7Page - Analog Devices AD5172 Datasheet HTML 8Page - Analog Devices AD5172 Datasheet HTML 9Page - Analog Devices AD5172 Datasheet HTML 10Page - Analog Devices AD5172 Datasheet HTML 11Page - Analog Devices AD5172 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Data Sheet
AD5172/AD5173
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. J | 8 of 22
Figure 4. AD5172 Pin Configuration
Table 5. AD5172 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
B1
B1 Terminal. GND ≤ VB1 ≤ VDD.
2
A1
A1 Terminal. GND ≤ VA1 ≤ VDD.
3
W2
W2 Terminal. GND ≤ VW2 ≤ VDD.
4
GND
Digital Ground.
5
VDD
Positive Power Supply. Specified for operation from 2.7
V to 5.5 V. For OTP programming, VDD needs to be a
minimum of 5.6 V but no more than 5.8 V and to be
capable of driving 100 mA.
6
SCL
Serial Clock Input. Positive-edge triggered. Requires a
pull-up resistor. If this pin is driven directly from a logic
controller without a pull-up resistor, ensure that the VIH
minimum is 0.7 V × VDD.
7
SDA
Serial Data Input/Output. Requires a pull-up resistor. If
this pin is driven directly from a logic controller without
a pull-up resistor, ensure that the VIH minimum is 0.7 V
× VDD.
8
A2
A2 Terminal. GND ≤ VA2 ≤ VDD.
9
B2
B2 Terminal. GND ≤ VB2 ≤ VDD.
10
W1
W1 Terminal. GND ≤ VW1 ≤ VDD.
Figure 5. AD5173 Pin Configuration
Table 6. AD5173 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
B1
B1 Terminal. GND ≤ VB1 ≤ VDD.
2
AD0
Programmable Address Bit 0 for Multiple Package
Decoding.
3
W2
W2 Terminal. GND ≤ VW2 ≤ VDD.
4
GND
Digital Ground.
5
VDD
Positive Power Supply. Specified for operation from 2.7
V to 5.5 V. For OTP programming, VDD needs to be a
minimum of 5.6 V but no more than 5.8 V and to be
capable of driving 100 mA.
6
SCL
Serial Clock Input. Positive-edge triggered. Requires a
pull-up resistor. If this pin is driven directly from a logic
controller without a pull-up resistor, ensure that the VIH
minimum is 0.7 V × VDD.
7
SDA
Serial Data Input/Output. Requires a pull-up resistor. If
this pin is driven directly from a logic controller without
a pull-up resistor, ensure that the VIH minimum is 0.7 V
× VDD.
8
AD1
Programmable Address Bit 1 for Multiple Package
Decoding.
9
B2
B2 Terminal. GND ≤ VB2 ≤ VDD.
10
W1
W1 Terminal. GND ≤ VW1 ≤ VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com