Electronic Components Datasheet Search
  English  ▼

X  

AD5172 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5172
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172 Datasheet(HTML) 2 Page - Analog Devices

  AD5172 Datasheet HTML 1Page - Analog Devices AD5172 Datasheet HTML 2Page - Analog Devices AD5172 Datasheet HTML 3Page - Analog Devices AD5172 Datasheet HTML 4Page - Analog Devices AD5172 Datasheet HTML 5Page - Analog Devices AD5172 Datasheet HTML 6Page - Analog Devices AD5172 Datasheet HTML 7Page - Analog Devices AD5172 Datasheet HTML 8Page - Analog Devices AD5172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
AD5172/AD5173
TABLE OF CONTENTS
analog.com
Rev. J | 2 of 22
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagrams....................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics: 2.5 kΩ....................... 3
Electrical Characteristics: 10 kΩ and 100 kΩ ....4
Timing Characteristics........................................6
Absolute Maximum Ratings...................................7
ESD Caution.......................................................7
Pin Configurations and Function Descriptions.......8
Typical Performance Characteristics..................... 9
Test Circuits......................................................... 13
Theory of Operation.............................................14
One-Time Programming (OTP)........................ 14
Programming the Variable Resistor and
Voltage........................................................... 14
Programming the Potentiometer Divider.......... 15
ESD Protection.................................................15
Terminal Voltage Operating Range.................. 16
Power-Up Sequence........................................ 16
Power Supply Considerations.......................... 16
Layout Considerations......................................16
I2C Interface.........................................................17
Write Mode....................................................... 17
Read Mode.......................................................17
SDA Bits Descriptions...................................... 17
I2C Controller Programming............................. 17
I2C-Compatible, 2-Wire Serial Bus...................19
Level Shifting for Different Voltage Operation.. 20
Outline Dimensions............................................. 21
Ordering Guide.................................................21
RAB Options......................................................21
Evaluation Boards............................................ 22
REVISION HISTORY
1/2022—Rev. I to Rev. J
Changes to Features Section.......................................................................................................................... 1
Changes to Applications Section..................................................................................................................... 1
Changes to OTP Supply Current Parameter and Power Supply Range Parameter, Table 1.......................... 3
Changed Electrical Characteristics 10 kΩ, 50 kΩ, and 100 kΩ Section to Electrical Characteristics: 10
kΩ and 100 kΩ Section..................................................................................................................................4
Changes to OTP Supply Current Parameter, Bandwidth, −3 dB Parameter, and Power Supply Range
Parameter, Table 2.........................................................................................................................................4
Deleted Figure 21; Renumbered Sequentially................................................................................................. 9
Changes to Figure 22.....................................................................................................................................11
Changes to Rheostat Operation Section, Table 8, and Table 9..................................................................... 14
Moved Figure 46............................................................................................................................................ 16
Moved Table 14..............................................................................................................................................17
Change to Level Shifting for Different Voltage Operation Section................................................................. 20
Changes to Ordering Guide........................................................................................................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com