Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9511 Datasheet HTML 31Page - Analog Devices AD9511 Datasheet HTML 32Page - Analog Devices AD9511 Datasheet HTML 33Page - Analog Devices AD9511 Datasheet HTML 34Page - Analog Devices AD9511 Datasheet HTML 35Page - Analog Devices AD9511 Datasheet HTML 36Page - Analog Devices AD9511 Datasheet HTML 37Page - Analog Devices AD9511 Datasheet HTML 38Page - Analog Devices AD9511 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
AD9511
Rev. B | Page 35 of 60
Divide Ratio
Duty Cycle (%)
4Ah to 52h
LO<7:4>
HI<3:0>
15
20
B
2
15
87
1
C
15
13
C
1
15
93
0
D
15
7
D
0
16
50
7
7
16
56
6
8
16
44
8
6
16
63
5
9
16
38
9
5
16
69
4
A
16
31
A
4
16
75
3
B
16
25
B
3
16
81
2
C
16
19
C
2
16
88
1
D
16
13
D
1
16
94
0
E
16
6
E
0
17
53
7
8
17
47
8
7
17
59
6
9
17
41
9
6
17
65
5
A
17
35
A
5
17
71
4
B
17
29
B
4
17
76
3
C
17
24
C
3
17
82
2
D
17
18
D
2
17
88
1
E
17
12
E
1
17
94
0
F
17
6
F
0
18
50
8
8
18
56
7
9
18
44
9
7
18
61
6
A
18
39
A
6
18
67
5
B
18
33
B
5
18
72
4
C
18
28
C
4
18
78
3
D
18
22
D
3
18
83
2
E
18
17
E
2
18
89
1
F
18
11
F
1
Divide Ratio
Duty Cycle (%)
4Ah to 52h
LO<7:4>
HI<3:0>
19
53
8
9
19
47
9
8
19
58
7
A
19
42
A
7
19
63
6
B
19
37
B
6
19
68
5
C
19
32
C
5
19
74
4
D
19
26
D
4
19
79
3
E
19
21
E
3
19
84
2
F
19
16
F
2
20
50
9
9
20
55
8
A
20
45
A
8
20
60
7
B
20
40
B
7
20
65
6
C
20
35
C
6
20
70
5
D
20
30
D
5
20
75
4
E
20
25
E
4
20
80
3
F
20
20
F
3
21
52
9
A
21
48
A
9
21
57
8
B
21
43
B
8
21
62
7
C
21
38
C
7
21
67
6
D
21
33
D
6
21
71
5
E
21
29
E
5
21
76
4
F
21
24
F
4
22
50
A
A
22
55
9
B
22
45
B
9
22
59
8
C
22
41
C
8
22
64
7
D
22
36
D
7
22
68
6
E
22
32
E
6
22
73
5
F
22
27
F
5
23
52
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com