Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9511 Datasheet HTML 21Page - Analog Devices AD9511 Datasheet HTML 22Page - Analog Devices AD9511 Datasheet HTML 23Page - Analog Devices AD9511 Datasheet HTML 24Page - Analog Devices AD9511 Datasheet HTML 25Page - Analog Devices AD9511 Datasheet HTML 26Page - Analog Devices AD9511 Datasheet HTML 27Page - Analog Devices AD9511 Datasheet HTML 28Page - Analog Devices AD9511 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
AD9511
Rev. B | Page 25 of 60
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
Figure 24. Additive Phase Noise—LVPECL DIV1, 245.76 MHz
Distribution Section Only
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
Figure 25. Additive Phase Noise—LVDS DIV1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
Figure 26. Additive Phase Noise—CMOS DIV1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
Figure 27. Additive Phase Noise—LVPECL DIV1, 622.08 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
Figure 28. Additive Phase Noise—LVDS DIV2, 122.88 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
Figure 29. Additive Phase Noise—CMOS DIV4, 61.44 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com