Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9511 Datasheet HTML 26Page - Analog Devices AD9511 Datasheet HTML 27Page - Analog Devices AD9511 Datasheet HTML 28Page - Analog Devices AD9511 Datasheet HTML 29Page - Analog Devices AD9511 Datasheet HTML 30Page - Analog Devices AD9511 Datasheet HTML 31Page - Analog Devices AD9511 Datasheet HTML 32Page - Analog Devices AD9511 Datasheet HTML 33Page - Analog Devices AD9511 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
AD9511
Rev. B | Page 30 of 60
Table 14. PLL Prescaler Modes
Mode
(FD = Fixed Divide
DM = Dual Modulus)
Value in 0Ah<4:2>
Divide By
FD
000
1
FD
001
2
P = 2 DM
010
P/P + 1 = 2/3
P = 4 DM
011
P/P + 1 = 4/5
P = 8 DM
100
P/P + 1 = 8/9
P = 16 DM
101
P/P + 1 = 16/17
P = 32 DM
110
P/P + 1 = 32/33
FD
111
3
When using the prescaler in FD mode, the A counter is not
used, and the B counter may need to be bypassed. The DM
prescaler modes set some upper limits on the frequency, which
can be applied to CLK2. See Table 15.
Table 15. Frequency Limits of Each Prescaler Mode
A and B Counters
The AD9511 B counter has a bypass mode (B = 1), which is not
available on the ADF4106. The B counter bypass mode is valid
only when using the prescaler in FD mode. The B counter is
bypassed by writing 1 to the B counter bypass bit (0Ah<6> =
1b). The valid range of the B counter is 3 to 8191. The default
after a reset is 0, which is invalid.
Note that the A counter is not used when the prescaler is in
FD mode.
Note also that the A/B counters have their own reset bit,
which is primarily intended for testing. The A and B counters
can also be reset using the R, A, and B counters’ shared reset bit
(09h<0>).
Determining Values for P, A, B, and R
When operating the AD9511 in a dual-modulus mode, the
input reference frequency, FREF, is related to the VCO output
frequency, FVCO.
FVCO = (FREF/R) × (PB + A) = FREF × N/R
When operating the prescaler in fixed divide mode, the A
counter is not used and the equation simplifies to
FVCO = (FREF/R) × (PB) = FREF × N/R
By using combinations of dual modulus and fixed divide
modes, the AD9511 can achieve values of N all the way down to
N = 1. Table 16 shows how a 10 MHz reference input may be
locked to any integer multiple of N. Note that the same value of
N may be derived in different ways, as illustrated by N = 12.
Table 16. P, A, B, R—Smallest Values for N
FREF
R
P
A
B
N
FVCO
Mode
Notes
10
1
1
X
1
1
10
FD
P = 1, B = 1 (Bypassed)
10
1
2
X
1
2
20
FD
P = 2, B = 1 (Bypassed)
10
1
1
X
3
3
30
FD
P = 1, B = 3
10
1
1
X
4
4
40
FD
P = 1, B = 4
10
1
1
X
5
5
50
FD
P = 1, B = 5
10
1
2
X
3
6
60
FD
P = 2, B = 3
10
1
2
0
3
6
60
DM
P/P + 1 = 2/3, A = 0, B = 3
10
1
2
1
3
7
70
DM
P/P + 1 = 2/3, A = 1, B = 3
10
1
2
2
3
8
80
DM
P/P + 1 = 2/3, A = 2, B = 3
10
1
2
1
4
9
90
DM
P/P + 1 = 2/3, A = 1, B = 4
10
1
2
X
5
10
100
FD
P = 2, B = 5
10
1
2
0
5
10
100
DM
P/P + 1 = 2/3, A = 0, B = 5
10
1
2
1
5
11
110
DM
P/P + 1 = 2/3, A = 1, B = 5
10
1
2
X
6
12
120
FD
P = 2, B = 6
10
1
2
0
6
12
120
DM
P/P + 1 = 2/3, A = 0, B = 6
10
1
4
0
3
12
120
DM
P/P + 1 = 4/5, A = 0, B = 3
10
1
4
1
3
13
130
DM
P/P + 1 = 4/5, A = 1, B = 3
Mode (DM = Dual Modulus)
CLK2
P = 2 DM (2/3)
<600 MHz
P = 4 DM (4/5)
<1000 MHz
P = 8 DM (8/9)
<1600 MHz
P = 16 DM
<1600 MHz
P = 32 DM
<1600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com