Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9511 Datasheet HTML 48Page - Analog Devices AD9511 Datasheet HTML 49Page - Analog Devices AD9511 Datasheet HTML 50Page - Analog Devices AD9511 Datasheet HTML 51Page - Analog Devices AD9511 Datasheet HTML 52Page - Analog Devices AD9511 Datasheet HTML 53Page - Analog Devices AD9511 Datasheet HTML 54Page - Analog Devices AD9511 Datasheet HTML 55Page - Analog Devices AD9511 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9511
Rev. B | Page 52 of 60
Reg.
Addr.
(Hex)
Bit(s) Name
Description
<3:0> Divider High
Number of Clock Cycles Divider Output Stays High.
4A
OUT0
(4C)
(OUT1)
(4E)
(OUT2)
(50)
(OUT3)
(52)
(OUT4)
<7:4> Divider Low
Number of Clock Cycles Divider Output Stays Low.
4A
OUT0
(4C)
(OUT1)
(4E)
(OUT2)
(50)
(OUT3)
(52)
(OUT4)
<3:0> Phase Offset
Phase Offset (Default = 0000b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<4>
Start
Selects Start High or Start Low.
4B
OUT0
(Default = 0b).
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<5>
Force
Forces Individual Outputs to the State Specified in Start (Above).
This Function Requires That Nosync (Below) Also Be Set (Default = 0b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<6>
Nosync
Ignore Chip-Level Sync Signal (Default = 0b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
<7>
Bypass Divider
Bypass and Power-Down Divider Logic; Route Clock Directly to Output (Default = 0b).
4B
OUT0
(4D)
(OUT1)
(4F)
(OUT2)
(51)
(OUT3)
(53)
(OUT4)
54 (55)
(56) (57)
<7:0>
Not Used.
58
<0>
SYNC Detect
Enable
1 = Enable SYNC Detect (Default = 0b).
58
<1>
SYNC Select
1 = Raise Flag if Slow Clocks Are Out-of-Sync by 0.5 to 1 High Speed Clock Cycles.
0 (Default) = Raise Flag if Slow Clocks Are Out-of-Sync by 1 to 1.5 High Speed Clock Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com