Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9511 Datasheet HTML 52Page - Analog Devices AD9511 Datasheet HTML 53Page - Analog Devices AD9511 Datasheet HTML 54Page - Analog Devices AD9511 Datasheet HTML 55Page - Analog Devices AD9511 Datasheet HTML 56Page - Analog Devices AD9511 Datasheet HTML 57Page - Analog Devices AD9511 Datasheet HTML 58Page - Analog Devices AD9511 Datasheet HTML 59Page - Analog Devices AD9511 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
AD9511
Rev. B | Page 57 of 60
OUTLINE DIMENSIONS
0.45
0.40
0.35
0.20 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD-4
1
12
0.50
BSC
BOTTOM VIEW
TOP VIEW
48
13
24
36
37
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.23
0.18
7.10
7.00 SQ
6.90
5.50 REF
END VIEW
EXPOSED
PAD
5.20
5.10 SQ
5.00
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
SEATING
PLANE
Figure 59. 48-Lead Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9511BCPZ1
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package (LFCSP)
CP-48-4
AD9511BCPZ-REEL71
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package (LFCSP)
CP-48-4
AD9511/PCB
Evaluation Board without VCO, VCXO, or Loop Filter
AD9511-VCO/PCB
Evaluation Board with 245.76 MHz VCXO, Loop Filter
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com