Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9511 Datasheet HTML 19Page - Analog Devices AD9511 Datasheet HTML 20Page - Analog Devices AD9511 Datasheet HTML 21Page - Analog Devices AD9511 Datasheet HTML 22Page - Analog Devices AD9511 Datasheet HTML 23Page - Analog Devices AD9511 Datasheet HTML 24Page - Analog Devices AD9511 Datasheet HTML 25Page - Analog Devices AD9511 Datasheet HTML 26Page - Analog Devices AD9511 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
AD9511
Rev. B | Page 23 of 60
0
–10
10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 245.75MHz
30kHz/
SPAN 300kHz
Figure 12. Phase Noise, LVPECL, DIV 1, FVCXO = 245.76 MHz,
FOUT = 245.76 MHz, FPFD = 1.2288 MHz, R = 25, N = 200
100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 1.5GHz
250kHz/
SPAN 2.5MHz
Figure 13. PLL Reference Spurs: VCO 1.5 GHz, FPFD = 1 MHz
VOLTAGE ON CP PIN (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
PUMP DOWN
PUMP UP
Figure 14. Charge Pump Output Characteristics @ VCPS = 3.3 V
0
–10
10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 61.44MHz
30kHz/
SPAN 300kHz
Figure 15. Phase Noise, LVPECL, DIV 4, FVCXO = 245.76 MHz,
FOUT = 61.44 MHz, FPFD = 1.2288 MHz, R = 25, N = 200
PFD FREQUENCY (MHz)
0.1
100
10
1
–170
–165
–160
–155
–150
–145
–140
–135
Figure 16. Phase Noise (Referred to CP Output) vs. PFD Frequency
VOLTAGE ON CP PIN (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
PUMP DOWN
PUMP UP
Figure 17. Charge Pump Output Characteristics @ VCPS = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com