Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9511 Datasheet HTML 14Page - Analog Devices AD9511 Datasheet HTML 15Page - Analog Devices AD9511 Datasheet HTML 16Page - Analog Devices AD9511 Datasheet HTML 17Page - Analog Devices AD9511 Datasheet HTML 18Page - Analog Devices AD9511 Datasheet HTML 19Page - Analog Devices AD9511 Datasheet HTML 20Page - Analog Devices AD9511 Datasheet HTML 21Page - Analog Devices AD9511 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9511
Rev. B | Page 18 of 60
ABSOLUTE MAXIMUM RATINGS
Table 12.
Parameter or Pin
With
Respect
to
Min
Max
Unit
VS
GND
−0.3
+3.6
V
VCP
GND
−0.3
+5.8
V
VCP
VS
−0.3
+5.8
V
REFIN, REFINB
GND
−0.3
VS + 0.3
V
RSET
GND
−0.3
VS + 0.3
V
CPRSET
GND
−0.3
VS + 0.3
V
CLK1, CLK1B, CLK2, CLK2B
GND
−0.3
VS + 0.3
V
CLK1
CLK1B
−1.2
+1.2
V
CLK2
CLK2B
−1.2
+1.2
V
SCLK, SDIO, SDO, CSB
GND
−0.3
VS + 0.3
V
OUT0, OUT1, OUT2, OUT3,
OUT4
GND
−0.3
VS + 0.3
V
FUNCTION
GND
−0.3
VS + 0.3
V
STATUS
GND
−0.3
VS + 0.3
V
Junction Temperature
150
°C
Storage Temperature
−65
+150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance1
48-Lead LFCSP
θJA = 28.5°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air,
in accordance with EIA/JESD51-7.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com