Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9511 Datasheet HTML 15Page - Analog Devices AD9511 Datasheet HTML 16Page - Analog Devices AD9511 Datasheet HTML 17Page - Analog Devices AD9511 Datasheet HTML 18Page - Analog Devices AD9511 Datasheet HTML 19Page - Analog Devices AD9511 Datasheet HTML 20Page - Analog Devices AD9511 Datasheet HTML 21Page - Analog Devices AD9511 Datasheet HTML 22Page - Analog Devices AD9511 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
AD9511
Rev. B | Page 19 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REFIN
REFINB
VS
VCP
CP
VS
CLK2
CLK2B
VS
CLK1
CLK1B
FUNCTION
VS
OUT3
OUT3B
VS
VS
OUT4
OUT4B
VS
VS
OUT1
OUT1B
VS
1
2
3
4
5
6
7
AD9511
TOP VIEW
(Not to Scale)
25
26
27
28
29
30
31
32
33
34
35
36
8
9
10
11
12
NOTES
1. NOTE THAT THE EXPOSED PADDLE ON THIS PACKAGE IS AN
ELECTRICAL CONNECTION AS WELL AS A THERMAL ENHANCEMENT.
FOR THE DEVICE TO FUNCTION PROPERLY, THE PADDLE MUST BE
ATTACHED TO GROUND, GND.
Figure 6. 48-Lead LFCSP Pin Configuration
Note that the exposed paddle on this package is an electrical connection as well as a thermal enhancement. For the device to
function properly, the paddle must be attached to ground, GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com