Electronic Components Datasheet Search
  English  ▼

X  

AD9511 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9511 Datasheet HTML 52Page - Analog Devices AD9511 Datasheet HTML 53Page - Analog Devices AD9511 Datasheet HTML 54Page - Analog Devices AD9511 Datasheet HTML 55Page - Analog Devices AD9511 Datasheet HTML 56Page - Analog Devices AD9511 Datasheet HTML 57Page - Analog Devices AD9511 Datasheet HTML 58Page - Analog Devices AD9511 Datasheet HTML 59Page - Analog Devices AD9511 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
AD9511
Rev. B | Page 56 of 60
Because of the limitations of single-ended CMOS clocking,
consider using differential outputs when driving high speed
signals over long traces. The AD9511 offers both LVPECL and
LVDS outputs, which are better suited for driving long traces
where the inherent noise immunity of differential signaling
provides superior performance for clocking converters.
LVPECL CLOCK DISTRIBUTION
The low voltage, positive emitter-coupled, logic (LVPECL)
outputs of the AD9511 provide the lowest jitter clock signals
available from the AD9511. The LVPECL outputs (because they
are open emitter) require a dc termination to bias the output
transistors. A simplified equivalent circuit in Figure 41 shows
the LVPECL output stage.
In most applications, a standard LVPECL far-end termination
is recommended, as shown in Figure 56. The resistor network is
designed to match the transmission line impedance (50 Ω) and
the desired switching threshold (1.3 V).
3.3V
LVPECL
50
50
SINGLE-ENDED
(NOT COUPLED)
3.3V
3.3V
LVPECL
127
127
83
83
VT = VCC – 1.3V
Figure 56. LVPECL Far-End Termination
3.3V
LVPECL
DIFFERENTIAL
(COUPLED)
3.3V
LVPECL
100
0.1nF
0.1nF
200
200
Figure 57. LVPECL with Parallel Transmission Line
LVDS CLOCK DISTRIBUTION
Low voltage differential signaling (LVDS) is a second
differential output option for the AD9511. LVDS uses a current
mode output stage with several user-selectable current levels.
The normal value (default) for this current is 3.5 mA, which
yields 350 mV output swing across a 100 Ω resistor. The LVDS
outputs meet or exceed all ANSI/TIA/EIA—644 specifications.
A recommended termination circuit for the LVDS outputs is
shown in Figure 58.
3.3V
LVDS
100
DIFFERENTIAL (COUPLED)
3.3V
LVDS
100
Figure 58. LVDS Output Termination
See Application Note AN-586 on the ADI website at
www.analog.com for more information on LVDS.
POWER AND GROUNDING CONSIDERATIONS AND
POWER SUPPLY REJECTION
Many applications seek high speed and performance under less
than ideal operating conditions. In these application circuits,
the implementation and construction of the PCB is as
important as the circuit design. Proper RF techniques must be
used for device selection, placement, and routing, as well as for
power supply bypassing and grounding to ensure optimum
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com