Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG726 Datasheet HTML 2Page - Analog Devices ADG726 Datasheet HTML 3Page - Analog Devices ADG726 Datasheet HTML 4Page - Analog Devices ADG726 Datasheet HTML 5Page - Analog Devices ADG726 Datasheet HTML 6Page - Analog Devices ADG726 Datasheet HTML 7Page - Analog Devices ADG726 Datasheet HTML 8Page - Analog Devices ADG726 Datasheet HTML 9Page - Analog Devices ADG726 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADG726/ADG732
Data Sheet
Rev. C | Page 6 of 21
Parameter
Symbol
ADG726/ADG732
ADG732
Unit
Test Conditions/Comments
+25°C
−40°C to
+85°C
−40°C to
+125°C
Off Switch Source Capacitance
CS (Off)
13
pF typ
f = 1 MHz
Off Switch Drain Capacitance
CD (Off)
ADG726
170
pF typ
f = 1 MHz
ADG732
340
pF typ
f = 1 MHz
On Switch Drain, Source
Capacitance
CD, CS (On)
ADG726
175
pF typ
f = 1 MHz
ADG732
350
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 3.3 V
Positive Supply Current
IDD
5
μA typ
Digital inputs = 0 V or 3.3 V
10
10
μA max
1 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com