Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 20 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADG726 Datasheet HTML 13Page - Analog Devices ADG726 Datasheet HTML 14Page - Analog Devices ADG726 Datasheet HTML 15Page - Analog Devices ADG726 Datasheet HTML 16Page - Analog Devices ADG726 Datasheet HTML 17Page - Analog Devices ADG726 Datasheet HTML 18Page - Analog Devices ADG726 Datasheet HTML 19Page - Analog Devices ADG726 Datasheet HTML 20Page - Analog Devices ADG726 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADG726/ADG732
Data Sheet
Rev. C | Page 20 of 21
TERMINOLOGY
IDD
IDD represents the positive supply current.
ISS
ISS represents the negative supply current.
IN
IN represents the logic control input.
VD (VS)
VD and VS represent the analog voltage on the Dx pins and the
Sx pins, respectively.
RON
RON represents the ohmic resistance between the Dx pins and
the Sx pins.
ΔRON
ΔRON represents the difference between the RON of any two
channels.
RFLAT(ON)
RFLAT(ON) is the flatness that is defined as the difference between
the maximum and minimum value of on resistance measured
over the specified analog signal range.
IS (Off)
IS (Off) represents the source leakage current with the switch off.
ID (Off)
ID (Off) represents the drain leakage current with the switch off.
ID (On), IS (On)
ID (On) and IS (On) represent the channel leakage currents with
the switch on.
VINL
VINL is the maximum input voltage for Logic 0.
VINH
VINH is the minimum input voltage for Logic 1.
IINL, IINH
IINL and IINH represent the low and high input currents of the
digital inputs.
CS (Off)
CS (Off) represents the off switch source capacitance. It is
measured with a reference to ground.
CD (Off)
CD (Off) represents the off switch drain capacitance. It is
measured with reference to ground.
CD (On), CS (On)
CD (On) and CS (On) represent the on switch capacitances,
which are measured with reference to ground.
CIN
CIN is the digital input capacitance.
tTRANSITION
tTRANSITION is the delay time measured between the 50% and 90%
points of the digital inputs and the switch on condition when
switching from one address state to another.
tON (EN)
tON (EN) is the delay time between the 50% and 90% points of
the EN digital input and the switch on condition.
tOFF (EN)
tOFF (EN) is the delay time between the 50% and 90% points of
the EN digital input and the switch off condition.
tOPEN
tOPEN is the off time measured between the 80% points of both
switches when switching from one address state to another
Charge Injection
Charge injection is a measure of the glitch impulse transferred
from the digital input to the analog output during switching.
Off Isolation
Off isolation is a measure of the unwanted signal coupling
through an off switch.
Channel-to-Channel Crosstalk
Crosstalk is a measure of unwanted signal that is coupled
through from one channel to another as a result of parasitic
capacitance.
Insertion Loss
Insertion loss is the loss due to the on resistance of the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com