Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG726 Datasheet HTML 12Page - Analog Devices ADG726 Datasheet HTML 13Page - Analog Devices ADG726 Datasheet HTML 14Page - Analog Devices ADG726 Datasheet HTML 15Page - Analog Devices ADG726 Datasheet HTML 16Page - Analog Devices ADG726 Datasheet HTML 17Page - Analog Devices ADG726 Datasheet HTML 18Page - Analog Devices ADG726 Datasheet HTML 19Page - Analog Devices ADG726 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADG726/ADG732
Data Sheet
Rev. C | Page 16 of 21
25
–15
5
–2
–3
–1
01234
20
5
0
–5
–10
15
10
VD, VS (V)
TA = +25°C
Figure 14. ADG732 Charge Injection (QINJ) vs. VD (VS)
0
5
10
15
20
25
30
35
40
45
50
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
tON, VDD = 3V
tON, VDD = 5V
tOFF, VDD = 3V
tOFF, VDD = 5V
Figure 15. tON/tOFF (EN) Time vs. Temperature
6
1
2345
0
1.8
1.6
0
0.8
0.6
0.4
0.2
1.4
1.0
1.2
FALLING
RISING
TA = +25°C
VDD (V)
Figure 16. Logic Threshold Voltage vs. Supply Voltage (VDD)
FREQUENCY (MHz)
0
–100
–70
–60
–50
–40
–30
–20
–10
0.03
0.1
1
10
100
–80
–90
VDD = 5V
TA = 25°C
Figure 17. Off Isolation vs. Frequency
0.03
0.1
1
10
100
FREQUENCY (MHz)
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
VDD = 3V, 5V
TA = 25°C
Figure 18. Crosstalk vs. Frequency
0.03
0.1
1
10
100
FREQUENCY (MHz)
0
–14
–12
–10
–8
–6
–4
–2
ADG732
ADG726
VDD = 5V
TA = 25°C
Figure 19. Insertion Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com