Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 17 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG726 Datasheet HTML 13Page - Analog Devices ADG726 Datasheet HTML 14Page - Analog Devices ADG726 Datasheet HTML 15Page - Analog Devices ADG726 Datasheet HTML 16Page - Analog Devices ADG726 Datasheet HTML 17Page - Analog Devices ADG726 Datasheet HTML 18Page - Analog Devices ADG726 Datasheet HTML 19Page - Analog Devices ADG726 Datasheet HTML 20Page - Analog Devices ADG726 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADG726/ADG732
Rev. C | Page 17 of 21
TEST CIRCUITS
IDS
V1
SD
VS
RON = V1/IDS
Figure 20. On Resistance
S1
D
VS
GND
A
VS
S2
S32
EN
LOGIC 1
VDD VSS
VDD VSS
IS (OFF)
VD
Figure 21. IS (Off)
A4
A0
ADG732*
D
GND
EN
VOUT
RL
50Ω
VS
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
50Ω
50Ω
S
OFF ISOLATION = 20 LOG
VOUT
VS
VDD
VSS
LOGIC 1
*SIMILAR CONNECTION FOR ADG726.
Figure 22. Off Isolation
VSS
VSS
VDD
VDD
A4
A0
ADG732*
D
EN
GND
*SIMILAR CONNECTION FOR ADG726.
CHANNEL-TO-CHANNEL CROSSTALK = 20LOG10 (VOUT/VS)
WR
S2
S32
VOUT
RL
VS
NETWORK
ANALYZER
CS
S1
50Ω
50Ω
50Ω
Figure 23. Channel-to-Channel Crosstalk
S1
D
VS
GND
A
VD
S2
S32
EN
LOGIC 1
VDD VSS
VDD VSS
ID(OFF)
Figure 24. ID (Off)
D
VS
GND
A
VD
S1
S32
EN
VDD VSS
VDD VSS
ID (ON)
LOGIC 0
Figure 25. ID (On)
A4
A0
ADG732*
D
GND
*SIMILAR CONNECTION FOR ADG726.
EN
50Ω
VOUT
RL
50Ω
VS
NETWORK
ANALYZER
VDD
VSS
0.1µF
0.1µF
S
VDD
VSS
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Figure 26. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com