Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 3 Page - Analog Devices

  ADG726 Datasheet HTML 1Page - Analog Devices ADG726 Datasheet HTML 2Page - Analog Devices ADG726 Datasheet HTML 3Page - Analog Devices ADG726 Datasheet HTML 4Page - Analog Devices ADG726 Datasheet HTML 5Page - Analog Devices ADG726 Datasheet HTML 6Page - Analog Devices ADG726 Datasheet HTML 7Page - Analog Devices ADG726 Datasheet HTML 8Page - Analog Devices ADG726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADG726/ADG732
Rev. C | Page 3 of 21
SPECIFICATIONS
+5 V SINGLE SUPPLY
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
Symbol
ADG726/ADG732
ADG732
Unit
Test Conditions/Comments
+25°C
−40°C to
+85°C
−40°C to
+125°C
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance
RON
4
5
Ω typ
VS = 0 V to VDD, IDS = 10 mA, see Figure 20
5.5
6
7
Ω max
On Resistance Match Between
Channels
ΔRON
0.3
Ω typ
VS = 0 V to VDD, IDS = 10 mA
0.8
1
Ω max
On Resistance Flatness
RFLAT (ON)
0.5
Ω typ
VS = 0 V to VDD, IDS = 10 mA
1
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage
IS (Off)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V, see Figure 21
±0.25
±1
±2
nA max
Drain Off Leakage
ID (Off)
±0.05
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V, see Figure 24
ADG726
±0.5
±2.5
nA max
ADG732
±1
±5
±10
nA max
Channel On Leakage
ID, IS (On)
±0.05
nA typ
VD = VS = 1 V, or 4.5 V, see Figure 25
ADG726
±0.5
±2.5
nA max
ADG732
±1
±5
±10
nA max
DIGITAL INPUTS
Input High Voltage
VINH
2.4
2.4
V min
Input Low Voltage
VINL
0.8
0.8
V max
Input Current
Low or High
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.5
±0.5
μA max
Digital Input Capacitance
CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time
tTRANSITION
23
ns typ
RL = 300 Ω, CL = 35 pF, see Figure 27
34
40
48
ns max
VS1 = 3 V/0 V, VS32 = 0 V/3 V
Break-Before-Make Time Delay
tD
18
ns typ
RL = 300 Ω, CL = 35 pF; VS = 3 V, see Figure 28
1
1
ns min
On Time (CS, WR)
tON (CS, WR)
18
ns typ
RL = 300 Ω, CL = 35 pF; VS = 3 V, see Figure 29
25
32
38.5
ns max
Off Time (CS, WR)
tOFF (CS, WR)
17
ns typ
RL = 300 Ω, CL = 35 pF; VS = 3 V, see Figure 29
23
29
33
ns max
On Time (EN)
tON (EN)
24
ns typ
RL = 300 Ω, CL = 35 pF; VS = 3 V, see Figure 30
32
40
43
ns max
Off Time (EN)
tOFF (EN)
16
ns typ
RL = 300 Ω, CL = 35 pF; VS = 3 V, see Figure 30
22
25
25
ns max
Charge Injection
QINJ
5
pC typ
VS = 2.5 V, RS = 0 Ω, CL = 1 nF, see Figure 31
Off Isolation
ISO
−72
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 22
Channel-to-Channel Crosstalk
CTK
−72
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 23
−3 dB Bandwidth
BW
RL = 50 Ω, CL = 5 pF, see Figure 26
ADG726
34
MHz typ
ADG732
18
MHz typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com