Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG726 Datasheet HTML 9Page - Analog Devices ADG726 Datasheet HTML 10Page - Analog Devices ADG726 Datasheet HTML 11Page - Analog Devices ADG726 Datasheet HTML 12Page - Analog Devices ADG726 Datasheet HTML 13Page - Analog Devices ADG726 Datasheet HTML 14Page - Analog Devices ADG726 Datasheet HTML 15Page - Analog Devices ADG726 Datasheet HTML 16Page - Analog Devices ADG726 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADG726/ADG732
Rev. C | Page 13 of 21
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
NOTES
1. NIC = NOT INTERNALLY CONNECTED. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO GND.
36 S28
35 S27
34 S26
33 S25
32 S24
31 S23
30 S22
29 S21
28 S20
27 S19
26 S18
25 S17
1
2
3
4
5
6
7
8
9
10
11
12
ADG732
TOP VIEW
(Not to Scale)
Figure 7. ADG732 Pin Configuration
Table 9. ADG732 Pin Function Description
Pin No.
Mnemonic
Description
1 to 12, 45 to 48
S16 to S1
Source Terminal. This pin may be an input or output.
13, 14
VDD
Most Positive Power Supply Potential.
15 to 19
A0 to A4
Logic Control Inputs.
20
CS
Chip Select Pin. CS is active low.
21
WR
Write Pin. When WR is low, the logic control inputs (A0 to A4) control which state the switches are in. On
the rising edge of WR, the logic control input data is latched.
22
EN
Active Low, Digital Input. When this pin is high, the device is disabled and all switches are off. When this
pin is low, the Ax logic control inputs determine the on switches. The EN input signal is not latched by WR.
23
GND
Ground (0 V) Reference.
24
VSS
Most Negative Power Supply in a Dual-Supply Application. In single-supply applications, connect this pin
to GND.
25 to 40
S17 to S32
Source Terminal. This pin may be an input or output.
41, 42, 44
NIC
Not Internally Connected. Do not connect to this pin.
43
D
Drain Terminal. This pin may be an input or output.
EPAD
Exposed Pad. The exposed pad must be connected to GND.
Truth Tables
Table 10. ADG726 Truth Table
A31
A21
A11
A01
EN1
CSA
CSB
WR1
On Switch
X
X
X
X
X
1
1
L
→ H
Latches control input data
X
X
X
X
X
1
1
X
No change in switch condition
X
X
X
X
1
X
X
X
None
0
0
0
0
0
0
0
0
S1A to DA, S1B to DB
0
0
0
1
0
0
0
0
S2A to DA, S2B to DB
0
0
1
0
0
0
0
0
S3A to DA, S3B to DB
0
0
1
1
0
0
0
0
S4A to DA, S4B to DB
0
1
0
0
0
0
0
0
S5A to DA, S5B to DB
0
1
0
1
0
0
0
0
S6A to DA, S6B to DB
0
1
1
0
0
0
0
0
S7A to DA, S7B to DB
0
1
1
1
0
0
0
0
S8A to DA, S8B to DB
1
0
0
0
0
0
0
0
S9A to DA, S9B to DB
1
0
0
1
0
0
0
0
S10A to DA, S10B to DB
1
0
1
0
0
0
0
0
S11A to DA, S11B to DB
1
0
1
1
0
0
0
0
S12A to DA, S12B to DB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com