Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 2 Page - Analog Devices

  ADG726 Datasheet HTML 1Page - Analog Devices ADG726 Datasheet HTML 2Page - Analog Devices ADG726 Datasheet HTML 3Page - Analog Devices ADG726 Datasheet HTML 4Page - Analog Devices ADG726 Datasheet HTML 5Page - Analog Devices ADG726 Datasheet HTML 6Page - Analog Devices ADG726 Datasheet HTML 7Page - Analog Devices ADG726 Datasheet HTML 8Page - Analog Devices ADG726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADG726/ADG732
Data Sheet
Rev. C | Page 2 of 21
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights............................................................................. 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
+5 V Single Supply ....................................................................... 3
 
+3 V Single Supply ....................................................................... 5
 
±2.5 V Dual Supply ...................................................................... 7
 
Timing Characteristics ................................................................ 8
 
Absolute Maximum Ratings ............................................................9
 
ESD Caution ..................................................................................9
 
Pin Configurations and Function Description .......................... 10
 
48-Lead TQFP ............................................................................ 10
 
48-Lead LFCSP ........................................................................... 12
 
Typical Performance Characteristics .......................................... 15
 
Test Circuits .................................................................................... 17
 
Terminology.................................................................................... 20
 
Outline Dimensions....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
2/2021—Rev. B to Rev. C
Changed CP-48-1 to CP-48-4......................................Throughout
Changes to Figure 6........................................................................ 12
Changes to Figure 7........................................................................ 13
Updated Outline Dimensions....................................................... 21
Changes to Ordering Guide.......................................................... 21
6/2015—Rev. A to Rev. B
Changes to Figure 4 and Table 6 .................................................. 10
Added Figure 5 and Table 7; Renumbered Sequentially .......... 11
Added Figure 6 and Table 8.......................................................... 12
Changes to Figure 7, Table 9, and Table 10................................ 13
Changes to Table 11 ....................................................................... 14
2/2015—Rev. 0 to Rev. A
Updated Format ................................................................ Universal
Changes to Features Section ........................................................... 1
Changes to Table 1 ........................................................................... 3
Changes to Table 2 ............................................................................5
Changes to Table 3 ............................................................................7
Changes to Table 5 ............................................................................9
Added Table 6; Renumbered Sequentially ................................. 10
Added Table 7................................................................................. 11
Changes to Figure 5 ....................................................................... 11
Changes to Figure 8 to Figure 11 ................................................. 13
Changes to Figure 13 and Figure 15 to Figure 17...................... 14
Changes to Figure 25 to Figure 28 ............................................... 16
Changes to Figure 29 ..................................................................... 17
Moved Terminology Section ........................................................ 18
Changes to Terminology Section................................................. 18
Updated Outline Dimensions ...................................................... 19
Changes to Ordering Guide.......................................................... 19
7/2002—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com