Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 21 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG726 Datasheet HTML 13Page - Analog Devices ADG726 Datasheet HTML 14Page - Analog Devices ADG726 Datasheet HTML 15Page - Analog Devices ADG726 Datasheet HTML 16Page - Analog Devices ADG726 Datasheet HTML 17Page - Analog Devices ADG726 Datasheet HTML 18Page - Analog Devices ADG726 Datasheet HTML 19Page - Analog Devices ADG726 Datasheet HTML 20Page - Analog Devices ADG726 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
ADG726/ADG732
Rev. C | Page 21 of 21
OUTLINE DIMENSIONS
0.45
0.40
0.35
0.20 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD-4
1
12
0.50
BSC
BOTTOM VIEW
TOP VIEW
48
13
24
36
37
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.23
0.18
7.10
7.00 SQ
6.90
5.50 REF
END VIEW
EXPOSED
PAD
5.20
5.10 SQ
5.00
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
SEATING
PLANE
Figure 32. 48-Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-4)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026ABC
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
9.00
BSC SQ
7.00
BSC SQ
1.20
MAX
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.75
0.60
0.45
PIN 1
VIEW A
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
ROTATED 90° CCW
Figure 33. 48-Lead Thin Plastic Quad Flat Package [TQFP]
(SU-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADG726BCPZ
–40°C to +85°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-4
ADG726BCPZ-REEL
–40°C to +85°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-4
ADG726BSUZ
–40°C to +85°C
48-Lead Thin Plastic Quad Flat Package [TQFP]
SU-48
ADG726BSUZ-REEL
–40°C to +85°C
48-Lead Thin Plastic Quad Flat Package [TQFP]
SU-48
ADG732BCPZ
–40°C to +125°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-4
ADG732BCPZ-REEL
–40°C to +125°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-4
ADG732BSUZ
–40°C to +125°C
48-Lead Thin Plastic Quad Flat Package [TQFP]
SU-48
ADG732BSUZ-REEL
–40°C to +125°C
48-Lead Thin Plastic Quad Flat Package [TQFP]
SU-48
1 Z = RoHS-Compliant Part
©2002–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02765-2/21(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com