Electronic Components Datasheet Search
  English  ▼

X  

ADG726 Datasheet(PDF) 18 Page - Analog Devices

Part # ADG726
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG726 Datasheet HTML 13Page - Analog Devices ADG726 Datasheet HTML 14Page - Analog Devices ADG726 Datasheet HTML 15Page - Analog Devices ADG726 Datasheet HTML 16Page - Analog Devices ADG726 Datasheet HTML 17Page - Analog Devices ADG726 Datasheet HTML 18Page - Analog Devices ADG726 Datasheet HTML 19Page - Analog Devices ADG726 Datasheet HTML 20Page - Analog Devices ADG726 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADG726/ADG732
Data Sheet
Rev. C | Page 18 of 21
ADDRESS
DRIVE (VIN)
0V
VOUT
VS1
VS32
tTRANSITION
tTRANSITION
50%
90%
50%
90%
VSS
VSS
VDD
VDD
50Ω
VIN
VIN
A4
A0
ADG732*
S2 THRU S31
S1
S32
D
EN
VS1
VOUT
RL
300Ω
CL
35pF
CS GND WR
*SIMILAR CONNECTION FOR ADG726.
VS32
Figure 27. Switching Time of Multiplexer, tTRANSITION
VIN
ADDRESS
DRIVE (VIN)
0V
VS
VOUT
tOPEN
80%
80%
VSS
VSS
VDD
VDD
50Ω
VIN
A4
A0
ADG732*
S2 THRU S31
S1
S32
D
EN
VS
VOUT
RL
300Ω
CL
35pF
CS GND WR
*SIMILAR CONNECTION FOR ADG726.
Figure 28. Break-Before-Make Delay, tOPEN
tON (WR)
tOFF (WR)
20%
20%
50%
0V
SWITCH
OUTPUT
VOUT
VIN
0V
VS
VSS
VSS
VDD
VDD
VCS
A4
A0
ADG732*
S2 THRU S32
S1
D
EN
VOUT
RL
300Ω
CL
35pF
GND
*SIMILAR CONNECTION FOR ADG726.
CS
WR
VWR
VWR
Figure 29. Write Turn-On and Turn-Off Time, tON, tOFF (WR)
VIN
0V
SWITCH
OUTPUT
VOUT
0V
50%
50%
10%
90%
tON (EN)
tOFF(EN)
VS
VSS
VSS
VDD
VDD
VEN
A4
A0
ADG732*
S2 THRU S32
S1
D
CS
VOUT
RL
300Ω
CL
35pF
GND
*SIMILAR CONNECTION FOR ADG726.
EN
WR
VEN
Figure 30. Enable Delay, tON (EN), tOFF (EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com