Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADUCM322BBCZ Datasheet HTML 1Page - Analog Devices ADUCM322BBCZ Datasheet HTML 2Page - Analog Devices ADUCM322BBCZ Datasheet HTML 3Page - Analog Devices ADUCM322BBCZ Datasheet HTML 4Page - Analog Devices ADUCM322BBCZ Datasheet HTML 5Page - Analog Devices ADUCM322BBCZ Datasheet HTML 6Page - Analog Devices ADUCM322BBCZ Datasheet HTML 7Page - Analog Devices ADUCM322BBCZ Datasheet HTML 8Page - Analog Devices ADUCM322BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADuCM322
Data Sheet
Rev. 0 | Page 4 of 23
SPECIFICATIONS
MICROCONTROLLER ELECTRICAL SPECIFICATIONS
AVDD = IOVDD = VDD1 = 2.9 V to 3.6 V (see Figure 12), maximum difference between supplies = 0.3 V, VREF = 2.5 V internal reference,
fCORE = 80 MHz, TA = −40°C to +105°C, unless otherwise noted. The power-up sequence must be VDD1, IOVDDx, and AVDDx, but no
delays in the sequence are required.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
ADC BASIC SPECIFICATIONS
Single-ended mode, unless
otherwise stated
ADC Power-Up Time
5
µs
Data Rate
fSAMPLE
1
MSPS
DC Accuracy1
12
Bits
1 LSB = 2.5 V/212
Resolution1
16
Bits
Number of data bits
Integral Nonlinearity
INL
±1.75
LSB
2.5 V internal reference; 1 LSB =
2.5 V/212
±1.75
LSB
2.5 V external reference; 1 LSB =
2.5 V/212
Differential Nonlinearity
DNL
−0.99
±0.75
+1.5
LSB
2.5 V internal reference; 1 LSB =
2.5 V/212
±0.75
LSB
2.5 V external reference; 1 LSB =
2.5 V/212
DC Code Distribution
±3
LSB
ADC input 1.25 V; 1 LSB = 2.5 V/212
ADC ENDPOINT ERRORS
Offset Error
±200
µV
Drift1
−3.92
0.3
+1.21
µV/°C
Using 2.5 V external reference
Match
±1
LSB
Matching compared to AIN8
Full-Scale Error
±400
µV
Gain Drift1
−4
+5
µV/°C
Full-scale error drift minus offset
error drift
Match
±1
LSB
ADC DYNAMIC PERFORMANCE
fIN = 665.25 Hz sine wave, fSAMPLE =
100 kSPS; input filter = 15 Ω, CL = 2 nF
Signal-to-Noise Ratio
SNR
80
dB
Includes distortion and noise
components
Total Harmonic Distortion
THD
−86
dB
Peak Harmonic or Spurious Noise
−88
dB
Channel-to-Channel Crosstalk
−90
dB
Measured on adjacent channels
ADC INPUT
Input Voltage Ranges
Single-Ended Mode1
AGND
VREF
Compliance1
AGND4
AVDD4
Leakage Current
±1.5
nA
Input Current
±9
µA/V
At 1 MSPS
±6
µA/V
≤800 kSPS
±4
µA/V
500 kSPS, ADCCNVC, Bits[25:16] =
0x1E
Input Capacitance
20
pF
During ADC acquisition
ON-CHIP VOLTAGE REFERENCE
2.51
V
0.47 µF from VREF_1V2 to AGND4;
reference is measured with all ADC
and VDACs enabled
Accuracy
±5
mV
TA = 25°C
Reference Temperature Coefficient1
±15
ppm/°C
Power Supply Rejection Ratio
PSRR
60
dB
Internal VREF Power-On Time
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com