Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 3Page - Analog Devices ADUCM322BBCZ Datasheet HTML 4Page - Analog Devices ADUCM322BBCZ Datasheet HTML 5Page - Analog Devices ADUCM322BBCZ Datasheet HTML 6Page - Analog Devices ADUCM322BBCZ Datasheet HTML 7Page - Analog Devices ADUCM322BBCZ Datasheet HTML 8Page - Analog Devices ADUCM322BBCZ Datasheet HTML 9Page - Analog Devices ADUCM322BBCZ Datasheet HTML 10Page - Analog Devices ADUCM322BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADuCM322
Data Sheet
Rev. 0 | Page 6 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input Leakage Current
Logic 1 GPIO
1
nA
VIH = VDD, pull-up resistor disabled
Logic 0 GPIO
10
nA
VIL = 0 V, pull-up resistor disabled
PRTADDRx
Input Leakage Current
16
µA
VIN = 0 V to 1.8 V, due to weak pull-
up resistors to 1.8 V
Input Voltage
0.84
1.5
V
External resistor 91 kΩ ± 1% to
ground; range for CFP MSA high1
Input Capacitance, All Balls Except
MCK, MDIO, PRTADDRx, and XTALx
10
pF
Input Capacitance
MCK, PRTADDRx
6.5
pF
MDIO
8.5
pF
Ball Capacitance
XTALI
5
pF
XTALO
5
pF
LOGIC INPUTS
GPIO Input Voltage
Low
VINL
0.25 × IOVDDx
V
High
VINH
0.58 × IOVDDx
V
MDIO
PRTADDRx Input Voltage
Low
VINL
0.36
V
High
VINH
0.84
V
MCK, MDIO Input Voltage
Setup time ≥10 ns; hold time ≥10 ns;
MCK/MDIO
Low
VINL
0.36
V
High
VINH
0.84
V
XTALI Input Voltage
Low
VINL
1.1
V
High
VINH
1.7
V
Pull-Up Current
30
120
µA
VIN = 0 V, see Figure 10
Pull-Down Current
30
100
µA
VIN = 3.3 V, see Figure 10
LOGIC OUTPUTS
All digital outputs excluding XTALO
GPIO Output Voltage6
High
VOH
IOVDDx − 0.4
V
ISOURCE = 2 mA
Low
VOL
0.4
V
ISINK = 2 mA
GPIO Short-Circuit Current1
11
mA
See Figure 11
MDIO
Output Voltage
High
VOH
1.0
V
ISOURCE = 4 mA
Low
VOL
0.2
V
ISINK = 4 mA
Delay Time
100
ns
MCK to MDIO out
OSCILLATORS
Internal System Oscillator
16
MHz
Accuracy
±0.5
±3
%
System PLL
80
MHz
Main system clock
External Crystal Oscillator
16
MHz
Can be selected in place of the
internal oscillator
32 kHz Internal Oscillator
32.768
kHz
Use for watchdog
Accuracy
±5
±20
%
External Clock
0.05
80
MHz
Can be selected in place of PLL
START-UP TIME
Processor clock = 80 MHz
At Power-On
40
ms
POR to first user code execution
After Other Reset
1.5
ms
Reset to first user code execution
From All Power-Down Modes
1.25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com