Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 6Page - Analog Devices ADUCM322BBCZ Datasheet HTML 7Page - Analog Devices ADUCM322BBCZ Datasheet HTML 8Page - Analog Devices ADUCM322BBCZ Datasheet HTML 9Page - Analog Devices ADUCM322BBCZ Datasheet HTML 10Page - Analog Devices ADUCM322BBCZ Datasheet HTML 11Page - Analog Devices ADUCM322BBCZ Datasheet HTML 12Page - Analog Devices ADUCM322BBCZ Datasheet HTML 13Page - Analog Devices ADUCM322BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADuCM322
Rev. 0 | Page 9 of 23
SPI Timing
Table 4. SPI Master Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width
(SPIDIV + 1) × tHCLK/2
ns
tSH
SCLK high pulse width
(SPIDIV + 1) × tHCLK/2
ns
tDAV
Data output valid after SCLK edge
0
3
ns
tDSU
Data input setup time before SCLK edge
½ SCLK
ns
tDHD
Data input hold time after SCLK edge
SCLK
ns
tDF
Data output fall time
SCLK
ns
tDR
Data output rise time
25
ns
tSR
SCLK rise time
25
ns
tSF
SCLK fall time
20
ns
Figure 3. SPI Master Mode Timing (Phase Mode = 1)
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
MOSI
MSB
BITS 6 TO 1
LSB
MISO
MSB IN
BITS 6 TO 1
LSB IN
tSH
tSL
tSR
tSF
tDR
tDF
tDAV
tDSU
tDHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com