Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 16Page - Analog Devices ADUCM322BBCZ Datasheet HTML 17Page - Analog Devices ADUCM322BBCZ Datasheet HTML 18Page - Analog Devices ADUCM322BBCZ Datasheet HTML 19Page - Analog Devices ADUCM322BBCZ Datasheet HTML 20Page - Analog Devices ADUCM322BBCZ Datasheet HTML 21Page - Analog Devices ADUCM322BBCZ Datasheet HTML 22Page - Analog Devices ADUCM322BBCZ Datasheet HTML 23Page - Analog Devices ADUCM322BBCZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADuCM322
Data Sheet
Rev. 0 | Page 22 of 23
Figure 13. Recommended Circuit and Component Values
RESET
RESET
GND
DGND
SWDIO
TX
SWCLK
AVDD
F9
L11
K11
A11
F11
H11
L7
K7
J5
F10
3.3kΩ
0.47µF
4.7µF
0.47µF 0.47µF
B2
C1
E11
P1.1/SOUT/PLACLK1/PLAI[5]
J2
SWDIO
H2
A3
A9
12pF
DGND
DGND
ADuCM322
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
XTALO
XTALI
RESET
RESET
A4
A8
B4
B8
B5
VDD1
RESERVED
B7
SWCLK
P1.0/SIN/ECLKIN/PLAI[4]
P2.3/BM
K1
10kΩ
DVDD
VDD1
0.47µF 0.47µF
VDD1
10kΩ
10kΩ
VIN
VOUT
EN/UVLO
GND
AVDD
DVDD
AGND
DGND
AGND
ADP7102ARDZ3.3
VIN
SENSE/ADJ
PG
VDD1
DGND DGND1
10µF
12pF
DGND
NC
DVDD
AGND
AGND1
K2
E10
B10
E9
B9
C3
RX
NC
NC
NC
NC
AVDD_REG1
D10
G11
L6
B6
A6
B1
D11
J1
K6
L2
L1
0.1µF
0.1µF
0.1µF
10µF
0.1µF
10µF
0.1µF
10µF
1.6Ω
1.6Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com