Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 12Page - Analog Devices ADUCM322BBCZ Datasheet HTML 13Page - Analog Devices ADUCM322BBCZ Datasheet HTML 14Page - Analog Devices ADUCM322BBCZ Datasheet HTML 15Page - Analog Devices ADUCM322BBCZ Datasheet HTML 16Page - Analog Devices ADUCM322BBCZ Datasheet HTML 17Page - Analog Devices ADUCM322BBCZ Datasheet HTML 18Page - Analog Devices ADUCM322BBCZ Datasheet HTML 19Page - Analog Devices ADUCM322BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
ADuCM322
Rev. 0 | Page 15 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 8. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1
RESERVED
RES
No Connect. Leave this ball unconnected.
A2
RESERVED
RES
Connect to AGND.
A3
RESERVED
RES1
Connect to AVDD_REG1.
A4
RESERVED
RES1
Connect to AVDD_REG1.
A5
RESERVED
RES
Connect to AGND.
A6
DGND
S
Power Supply Ground.
A7
RESERVED
RES
Connect to AGND.
A8
RESERVED
RES1
Connect to AVDD_REG1.
A9
RESERVED
RES1
Connect to AVDD_REG1.
A10
RESERVED
RES
Connect to AGND.
A11
IREF
AI
Reference Current. This ball generates the reference current and is set by an
external resistor, REXT. Connect a 3.3 kΩ REXT from IREF to DGND.
B1
IOVDD1
S
3.3 V GPIO Supply.
B2
RESET
I
Reset Input (Active Low). An internal pull-up resistor is included.
B3
P3.3/PRTADDR3/PLAI[15]
I/O
Digital Input/Output Port 3.3 (P3.3).
MDIO Port Address Bit 3 (PRTADDR3). See the Digital Inputs parameter in
Table 1 for details.
Output of PLA Element 15 (PLAI[15]).
B4
RESERVED
RES
No Connect. Leave this ball unconnected.
B5
RESERVED
RES
No Connect. Leave this ball unconnected.
B6
DGND
S
Power Supply Ground.
1
A
B
C
D
E
F
G
H
J
K
L
2
3
4
5
6
7
8
9
10
11
RESERVED
RESERVED
RESERVED
IOVDD1
IOGND1
P3.3/
PRTADDR3/
PLAI[15]
P0.0/
SCLK0/
PLAI[0]
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
IREF
RESERVED
DGND
DGND2
SWCLK
AIN15/
P4.7
AIN14/
P4.6
AIN12/
P4.4
AIN11/
BUF_
VREF2V5
AIN10
AIN7
AIN2
AIN1
AIN0
AGND1
VDAC4
VDAC7/
P5.2
VDAC6/
P5.1
XTALI
IOVDD3
IOGND3
VDAC3/
P5.0
VDAC1
VDD1
AVDD3
AGND2
AGND3
AIN3
AIN4
AIN6
AIN5
AIN9/
P4.3
AIN8/
P4.2
VDAC0/
P5.3
VDAC2/
P3.7/
PLAO[29]
VDAC5
DGND1
AGND4
AIN13/
P4.5
AVDD4
SWDIO
IOGND2
IOVDD2
DGND
RESERVED
RESERVED
RESERVED
RESERVED
RESET
P1.0/SIN/
ECLKIN/
PLAI[4]
P1.2/
PWM0/
PLAI[6]
P1.1/SOUT/
PLACLK1/
PLAI[5]
P2.4/IRQ5/
ADCCONV/
PWM6/
PLAO[18]
P1.3/
PWM1/
PLAI[7]
P1.4/
PWM2/
SCLK1/
PLAO[10]
P1.5/
PWM3/
MISO1/
PLAO[11]
P1.6/
PWM4/
MOSI1/
PLAO[12]
P1.7/IRQ1/
PWM5/
CS1/
PLAO[13]
P2.0/IRQ2/
PWMTRIP/
PLACLK2/
PLAI[8]
P2.2/
IRQ4/POR/
CLKOUT/
PLAI[10]
P2.3/BM
P0.2/
MOSI0/
PLAI[2]
P0.5/
SDA0/
PLAO[3]
P2.6/
IRQ7/
PLAO[20]
P0.7/
SDA1/
PLAO[5]
P0.6/
SCL1/
PLAO[4]
P3.0/
PRTADDR0/
PLAI[12]
P3.1/
PRTADDR1/
PLAI[13]
P2.7/
IRQ8/
PLAO[21]
P3.5/
MCK/
PLAO[27]
XTALO
MDIO
P0.4/
SCL0/
PLAO[2]
P0.3/
IRQ0/CS0/
PLACLK0/
PLAI[3]
P0.1/
MISO0/
PLAI[1]
P3.2/
PRTADDR2/
PLAI[14]
P3.4/
PRTADDR4/
PLAO[26]
AVDD_
REG0
AVDD_
REG1
VREF_1V2
ADC_
REFP
ADC_
REFN
DVDD_
2V5
DVDD_1V8
ADuCM322
TOP VIEW
(Not to Scale)
DIGITAL PINS
ANALOG PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com