Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 5Page - Analog Devices ADUCM322BBCZ Datasheet HTML 6Page - Analog Devices ADUCM322BBCZ Datasheet HTML 7Page - Analog Devices ADUCM322BBCZ Datasheet HTML 8Page - Analog Devices ADUCM322BBCZ Datasheet HTML 9Page - Analog Devices ADUCM322BBCZ Datasheet HTML 10Page - Analog Devices ADUCM322BBCZ Datasheet HTML 11Page - Analog Devices ADUCM322BBCZ Datasheet HTML 12Page - Analog Devices ADUCM322BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADuCM322
Data Sheet
Rev. 0 | Page 8 of 23
TIMING SPECIFICATIONS
I2C Timing
Table 2. I2C Timing in Standard Mode (100 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
tL
SCL low pulse width
4.7
μs
tH
SCL high pulse width
4.0
ns
tSHD
Start condition hold time
4.0
μs
tDSU
Data setup time
250
ns
tDHD
Data hold time (SDA held internally for 300 ns after falling edge of SCL)
0
3.45
μs
tRSU
Setup time for repeated start
4.7
μs
tPSU
Stop condition setup time
4.0
μs
tBUF
Bus-free time between a stop condition and a start condition
4.7
μs
tR
Rise time for both SLC and SDA
1
μs
tF
Fall time for both SLC and SDA
15
300
ns
tVD;DAT
Data valid time
3.45
μs
tVD;ACK
Data valid acknowledge time
3.45
μs
Table 3. I2C Timing in Fast Mode (400 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
tL
SCL low pulse width
1.3
μs
tH
SCL high pulse width
0.6
ns
tSHD
Start condition hold time
0.3
μs
tDSU
Data setup time
100
ns
tDHD
Data hold time (SDA held internally for 300 ns after falling edge of SCL)
0
μs
tRSU
Setup time for repeated start
0.6
μs
tPSU
Stop condition setup time
0.3
μs
tBUF
Bus-free time between a stop condition and a start condition
1.3
μs
tR
Rise time for both SCL and SDA
20
300
ns
tF
Fall time for both SCL and SDA
15
300
ns
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
Figure 2. I2C Compatible Interface Timing
SDA (I/O)
MSB
LSB
ACK
MSB
1
9
8
2–7
1
SCL (I)
PS
START
CONDITION
REPEATED
START
STOP
CONDITION
S(R)
tDSU
tH
tL
tSHD
tPSU
tDSU
tBUF
tDHD
tVD; DAT
tVD; ACK
tR
tF
tF
tR
tDHD
tRSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com