Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 4Page - Analog Devices ADUCM322BBCZ Datasheet HTML 5Page - Analog Devices ADUCM322BBCZ Datasheet HTML 6Page - Analog Devices ADUCM322BBCZ Datasheet HTML 7Page - Analog Devices ADUCM322BBCZ Datasheet HTML 8Page - Analog Devices ADUCM322BBCZ Datasheet HTML 9Page - Analog Devices ADUCM322BBCZ Datasheet HTML 10Page - Analog Devices ADUCM322BBCZ Datasheet HTML 11Page - Analog Devices ADUCM322BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet
ADuCM322
Rev. 0 | Page 7 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PROGRAMMABLE LOGIC ARRAY
PLA
Propagation Delay
Ball
17
ns
From input ball to output ball
Element
1.5
ns
Per PLA cell
EXTERNAL INTERRUPTS
Pulse Width1
Level Triggered
7
ns
Edge Triggered
1
ns
POWER REQUIREMENTS7
Power Supply Voltage Range
AVDDx to AGNDx and IOVDDx
to DGNDx1
2.9
3.3
3.6
V
Analog Power Supply Currents
AVDDx Current
4.9
mA
Analog peripherals in idle mode
Digital Power Supply Current
IOVDDx Current in Normal Mode
2.7
mA
All GPIO pull-up resistors enabled
VDDx Current
Normal Mode
29
mA
Clock divider (CD) = 0 (80 MHz
clock), executing typical code
20
mA
CD = 1, executing typical code
10
mA
CD = 7, executing typical code
CORE_SLEEP Mode
16
mA
SYS_SLEEP Mode
8
mA
Hibernate Mode
4
mA
Additional Power Supply Currents
ADC
4.1
mA
Continuously converting at
100 kSPS
DAC
340
µA
Per powered up DAC, excluding
load current
Total Supply Current
37
mA
VDD1, IOVDDx, AVDDx connected
together; condition when entering
user code: peripheral clocks on,
peripherals idle, no load currents
Thermal Performance
Impedance Junction to Ambient
45
°C/W
JEDEC 2S2P
1
These specifications are not production tested but are guaranteed by design and/or characterization data at production release.
2
The data in this section also applies for a load of RL =1 kΩ and CL = 100 pF but only an output range of 0 V to 2.5 V.However, this specification is not production tested.
3
DAC linearity is calculated using a reduced code range of 100 to 3900.
4
DAC gain error is calculated using a reduced code range of 100 to an internal 2.5 V VREF.
5
Due to self heating, internal temperature measurements cannot be used to predict external temperatures. This value is only relevant after user calibration and only for
internal and external conditions identical to those at calibration.
6
The average current from all GPIO balls must not exceed 3 mA per ball.
7
Power figures exclude any load currents to external circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com