Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 14Page - Analog Devices ADUCM322BBCZ Datasheet HTML 15Page - Analog Devices ADUCM322BBCZ Datasheet HTML 16Page - Analog Devices ADUCM322BBCZ Datasheet HTML 17Page - Analog Devices ADUCM322BBCZ Datasheet HTML 18Page - Analog Devices ADUCM322BBCZ Datasheet HTML 19Page - Analog Devices ADUCM322BBCZ Datasheet HTML 20Page - Analog Devices ADUCM322BBCZ Datasheet HTML 21Page - Analog Devices ADUCM322BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
ADuCM322
Rev. 0 | Page 17 of 23
Pin No.
Mnemonic
Type1
Description
C11
P3.4/PRTADDR4/PLAO[26]
I/O
Digital Input/Output Port 3.4 (P3.4).
MDIO Port Address Bit 4 (PRTADDR4). See the Digital Inputs parameter in
Table 1 for details.
Output of PLA Element 26 (PLAO[26]).
D1
P0.2/MOSI0/PLAI[2]
I/O
Digital Input/Output Port 0.2 (P0.2).
SPI0 Master Out, Slave In (MOSI0).
Input to PLA Element 2 (PLAI[2]).
D2
P0.1/MISO0/PLAI[1]
I/O
Digital Input/Output Port 0.1 (P0.1).
SPI0 Master In, Slave Out (MISO0).
Input to PLA Element 1 (PLAI[1]).
D3
P3.2/PRTADDR2/PLAI[14]
I/O
Digital Input/Output Port 3.2 (P3.2).
MDIO Port Address Bit 2 (PRTADDR2). See the Digital Inputs parameter in
Table 1 for details.
Input to PLA Element 14 (PLAI[14]).
D9
P2.4/IRQ5/ADCCONV/PWM6/PLAO[18]
I/O
Digital Input/Output Port 2.4 (P2.4).
External Interrupt 5 (IRQ5).
External Input to Start ADC Conversions (ADCCONV).
PWM Output 6 (PWM6).
Output of PLA Element 18 (PLAO[18]).
D10
DGND2
S
Digital Ground 2. Connect to DGND1.
D11
IOVDD2
S
3.3 V GPIO Supply.
E1
P0.5/SDA0/PLAO[3]
I/O
Digital Input/Output Port 0.5 (P0.5).
I2C0 Serial Data (SDA0).
Output of PLA Element 3 (PLAO[3]).
E2
P0.4/SCL0/PLAO[2]
I/O
Digital Input/Output Port 0.4 (P0.4).
I2C0 Serial Clock (SCL0).
Output of PLA Element 2 (PLAO[2]).
E3
P0.3/IRQ0/CS0/PLACLK0/PLAI[3]
I/O
Digital Input/Output Port 0.3 (P0.3).
External Interrupt 0 (IRQ0).
SPI0 Chip Select 0 (CS0). When using SPI0, configure this ball as CS0.
PLA Clock 0 (PLACLK0).
Input to PLA Element 3 (PLAI[3]).
E9
SWCLK
I
Serial Wire Debug Clock.
E10
SWDIO
I/O
Serial Wire Bidirectional Data.
E11
IOGND2
S
Ground for IOVDD2.
F1
P2.6/IRQ7/PLAO[20]
I/O
Digital Input/Output Port 2.6 (P2.6).
External Interrupt 7 (IRQ7).
Output of PLA Element 20 (PLAO[20]).
F2
P0.7/SDA1/PLAO[5]
I/O
Digital Input/Output Port 0.7 (P0.7).
I2C1 Serial Data (SDA1).
Output of PLA Element 5 (PLAO[5]).
F3
P0.6/SCL1/PLAO[4]
I/O
Digital Input/Output Port 0.6 (P0.6).
I2C1 Serial Clock (SCL1).
Output of PLA Element 4 (PLAO[4]).
F9
AVDD_REG0
AO
Analog Regulator 0 Supply. A 470 nF capacitor to AGND4 must be connected
to this ball to stabilize the internal 2.5 V regulator that supplies the ADC.
F10
AVDD_REG1
AO
Analog Regulator 1 Supply. Output of 2.5 V on-chip LDO regulator. A 470 nF
capacitor to AGND4 must be connected to this ball.
F11
VREF_1V2
S
1.2 V Reference. This ball cannot be used to source current externally.
Connect VREF_1V2 to AGNDx via a 470 nF capacitor.
G1
P2.7/IRQ8/PLAO[21]
I/O
Digital Input/Output Port 2.7 (P2.7).
External Interrupt 8 (IRQ8).
Output of PLA Element 21 (PLAO[21]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com