Electronic Components Datasheet Search
  English  ▼

X  

ADUCM322BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 16Page - Analog Devices ADUCM322BBCZ Datasheet HTML 17Page - Analog Devices ADUCM322BBCZ Datasheet HTML 18Page - Analog Devices ADUCM322BBCZ Datasheet HTML 19Page - Analog Devices ADUCM322BBCZ Datasheet HTML 20Page - Analog Devices ADUCM322BBCZ Datasheet HTML 21Page - Analog Devices ADUCM322BBCZ Datasheet HTML 22Page - Analog Devices ADUCM322BBCZ Datasheet HTML 23Page - Analog Devices ADUCM322BBCZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADuCM322
Rev. 0 | Page 19 of 23
Pin No.
Mnemonic
Type1
Description
K11
ADC_REFP
AO/A
Decoupling Capacitor Connection for ADC Reference Buffer. Connect this ball
to a 4.7 µF capacitor to the ADC_REFN ball. ADC_REFP can be overdriven by
an external reference.
L1
DGND1
S
Digital Ground 1 for DVDD_1V8.
L2
DVDD_1V8
AO
1.8 V Digital Supply. A 470 nF capacitor to DGND1 must be connected to this
ball to stabilize the internal 1.8 V regulator that supplies flash memory and
the ARM Cortex-M3 processor.
L3
VDAC5
AO
Voltage DAC5 Output (VDAC5).
L4
VDAC2/P3.7/PLAO[29]
AO/I/O
Voltage DAC2 Output (VDAC2).
Digital Input/Output Port 3.7 (P3.7).
Output of PLA Element 29 (PLAO[29]).
L5
VDAC0/P5.3
AO/I/O
Voltage DAC0 Output (VDAC0).
Digital Input/Output Port 5.3 (P5.3).
L6
AVDD3
S
VDAC Supply (3.3 V).
L7
AGND3
S
Ground for AVDD3.
L8
AIN4
AI
Analog Input 4.
L9
AIN5
AI
Analog Input 5. AIN5 can be the negative input for the comparator.
L10
AIN8/P4.2
AI/I/O
Analog Input 8 (AIN8).
Digital Input/Output Port 4.2 (P4.2).
L11
ADC_REFN
AO/A
Decoupling Capacitor Connection for ADC Reference Buffer. Connect this ball
to AGND4.
1
RES and RES1 are reserved, S is supply, AI is analog input, I is digital input, I/O is input/output, AO is analog output, and O is digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com